| Moteur de recherche de fiches techniques de composants électroniques |
|
60C-081-R Fiches technique(PDF) 4 Page - M-System Co.,Ltd. |
|
|
|||||||||||||||||||||||||||||
60C-081-R Fiches technique(HTML) 4 Page - M-System Co.,Ltd. |
|
4 / 4 page ![]() MODEL: 60C 60C SPECIFICATIONS ES-6602 Rev.10 Page 4/4 http://www.m-system.co.jp/ EXTERNAL DIMENSIONS & TERMINAL ASSIGNMENTS unit: mm (inch) 14 (.55) 38 (1.50) 72 (2.83) 109 (4.29) 139 (5.47) [3.3 (.13)] CLAMP (top & bottom) DIN RAIL 35mm wide •When mounting, no extra space is needed between units. 60 (2.36) 72 (2.83) 7.8 (.31) 2–4.5 (.18) dia. MTG HOLE 25 (.98) deep 14–M3.5 SCREW 12 5 6 14 11 1 10 15 4 3 2 7 9 8 SCHEMATIC CIRCUITRY & CONNECTION DIAGRAM A / D or D / A Conv. I / O CPU CC-Link INTERFACE SERIAL TRANSMISSION LINE Modular Jack for Factory Calibration MODULAR JACK ROTARY SW INDICATOR LED U(+) V(–) POWER 7 14 FG1 8 To Other CC-Link Devices Terminator COMMUNICATION MODULE DA DB DG SLD FG * *Attach the terminating resistor when the module is at the termination of a transmission line. To 10-RACK, 18-RACK etc. ■ COMMUNICATION CABLE CONNECTIONS DA DB DG SLD FG MASTER UNIT DA DB DG SLD FG ANALOG I/O MODULE DA DB DG SLD FG I/O UNIT TERMINATOR blue white yellow Specifications are subject to change without notice. |