Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

60C-081-R Fiches technique(PDF) 3 Page - M-System Co.,Ltd.

No de pièce 60C-081-R
Description  Field Network Modules 60-UNIT Series
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MSYSTEM [M-System Co.,Ltd.]
Site Internet  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

60C-081-R Fiches technique(HTML) 3 Page - M-System Co.,Ltd.

  60C-081-R Datasheet HTML 1Page - M-System Co.,Ltd. 60C-081-R Datasheet HTML 2Page - M-System Co.,Ltd. 60C-081-R Datasheet HTML 3Page - M-System Co.,Ltd. 60C-081-R Datasheet HTML 4Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
MODEL: 60C
60C SPECIFICATIONS
ES-6602 Rev.10 Page 3/4
http://www.m-system.co.jp/
• Output Connector Pin Assignment
PIN NO.
ASSIGNMENT
PIN NO.
ASSIGNMENT
1
Output 1
2
COM
3
Output 2
4
COM
5
Output 3
6
COM
7
Output 4
8
COM
9
Output 5
10
COM
11
Output 6
12
COM
13
Output 7
14
COM
15
Output 8
16
COM
17
Output 9
18
COM
19
Output 10
20
COM
21
Output 11
22
COM
23
Output 12
24
COM
25
Output 13
26
COM
27
Output 14
28
COM
29
Output 15
30
COM
31
Output 16
32
COM
33
No connection
34
No connection
Output 1 – 4 for 4 points, 1 – 8 for 8 points.
INSTALLATION
Power consumption
•AC: Approx. 4 VA
•DC: Approx. 4 W (160 mA)
Operating temperature: -5 to +55°C (23 to 131°F)
Operating humidity: 30 to 90 %RH (non-condensing)
Atmosphere: No corrosive gas or heavy dust
Mounting: Surface or DIN rail
Weight: 450 g (0.99 lb)
PERFORMANCE in percentage of span
A/D conversion: ±0.1 %
D/A conversion: ±0.1 %
Temp. coefficient: ±0.015 %/°C (±0.008 %/°F)
Permissible power failure duration: ≤ 10 msec.
Insulation resistance: ≥ 100 MΩ with 500 V DC
Dielectric strength: 1500 V AC @ 1 minute (input or output
to CC-Link to power)
2000 V AC @ 1 minute (input or output or CC-Link or power
to FG1)
EXTERNAL VIEW
CN1
Modular Jack
for Factory Calibration
I/O Connector
Euro Type Connector Terminal
for CC-Link
L RUN
L ERR.
SD
RD
PWR
3
2
3
2
3
2
Baud Rate Setting
Station No. Setting
Power LED
Status Indicator LED



Html Pages

1 2 3 4