Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MPC8275VR Fiches technique(PDF) 28 Page - Motorola, Inc

No de pièce MPC8275VR
Description  PowerQUICC II Family Hardware Specifications
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MOTOROLA [Motorola, Inc]
Site Internet  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPC8275VR Fiches technique(HTML) 28 Page - Motorola, Inc

Back Button MPC8275VR Datasheet HTML 24Page - Motorola, Inc MPC8275VR Datasheet HTML 25Page - Motorola, Inc MPC8275VR Datasheet HTML 26Page - Motorola, Inc MPC8275VR Datasheet HTML 27Page - Motorola, Inc MPC8275VR Datasheet HTML 28Page - Motorola, Inc MPC8275VR Datasheet HTML 29Page - Motorola, Inc MPC8275VR Datasheet HTML 30Page - Motorola, Inc MPC8275VR Datasheet HTML 31Page - Motorola, Inc MPC8275VR Datasheet HTML 32Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 76 page
background image
28
MPC8280 PowerQUICC II™ Family Hardware Specifications
MOTOROLA
Clock Configuration Modes
0011_001
50.0
66.7
5
250.0 333.3
6
300.0 400.0
5
50.0 66.7
0011_010
50.0
66.7
5
250.0 333.3
7
350.0 466.6
5
50.0 66.7
0011_011
50.0
66.7
5
250.0 333.3
8
400.0 533.3
5
50.0 66.7
0100_000
Reserved
0100_001
50.0
66.7
6
300.0 400.0
6
300.0 400.0
6
50.0 66.7
0100_010
50.0
66.7
6
300.0 400.0
7
350.0 466.6
6
50.0 66.7
0100_011
50.0
66.7
6
300.0 400.0
8
400.0 533.3
6
50.0 66.7
0101_000
66.7
66.7
2
133.3 133.3
2.5
166.7 166.7
2
66.7 66.7
0101_001
66.7
66.7
2
133.3 133.3
3
200.0 200.0
2
66.7 66.7
0101_010
PCI host mode (PCI_MODCK=1) only (refer to Table 17)
0101_011
66.7
66.7
2
133.3 133.3
4
266.7 266.6
2
66.7 66.7
0101_100
66.7
66.7
2
133.3 133.3
4.5
300.0 300.0
2
66.7 66.7
0110_000
66.7
80.0
2.5
166.7 200.0
2.5
166.7 200.0
3
55.5 66.7
0110_001
60.0
80.0
2.5
150.0 200.0
3
180.0 240.0
3
50.0 66.7
0110_010
71.4
80.0
2.5
178.6 200.0
3.5
250.0 280.0
3
59.5 66.7
0110_011
62.5
80.0
2.5
156.3 200.0
4
250.0 320.0
3
52.1 66.7
0110_100
60.0
80.0
2.5
150.0 200.0
4.5
270.0 360.0
3
50.0 66.7
0110_101
60.0
80.0
2.5
150.0 200.0
5
300.0 400.0
3
50.0 66.7
0110_110
60.0
80.0
2.5
150.0 200.0
6
360.0 480.0
3
50.0 66.7
0111_000
Reserved
0111_001
55.5
66.7
3
166.7 200.0
3
166.7 200.0
3
55.5 66.7
0111_010
PCI host mode (PCI_MODCK=1) only (refer to Table 17)
0111_011
62.5
66.7
3
187.5 200.0
4
250.0 266.6
3
62.5 66.7
0111_100
55.6
66.7
3
166.7 200.0
4.5
250.0 300.0
3
55.6 66.7
1000_000
Reserved
1000_001
66.7
88.9
3
200.0 266.6
3
200.0 266.6
4
50.0 66.7
1000_010
71.4
88.9
3
214.3 266.6
3.5
250.0 311.1
4
53.6 66.7
1000_011
66.7
88.9
3
200.0 266.6
4
266.7 355.5
4
50.0 66.7
Table 16. Clock Configurations for PCI Host Mode (PCI_MODCK=0)1,2 (Continued)
Mode3
Bus Clock4
(MHz)
CPM
Multiplication
Factor5
CPM Clock
(MHz)
CPU
Multiplication
Factor6
CPU Clock
(MHz)
PCI
Division
Factor
PCI Clock
(MHz)
MODCK_H-
MODCK[1-3]
low
high
low
high
low
high
low high



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com