Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LT8338 Fiches technique(PDF) 6 Page - Analog Devices

No de pièce LT8338
Description  40V, 1.2A Micropower Synchronous Boost Converter with PassThru
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

LT8338 Fiches technique(HTML) 6 Page - Analog Devices

Back Button LT8338 Datasheet HTML 2Page - Analog Devices LT8338 Datasheet HTML 3Page - Analog Devices LT8338 Datasheet HTML 4Page - Analog Devices LT8338 Datasheet HTML 5Page - Analog Devices LT8338 Datasheet HTML 6Page - Analog Devices LT8338 Datasheet HTML 7Page - Analog Devices LT8338 Datasheet HTML 8Page - Analog Devices LT8338 Datasheet HTML 9Page - Analog Devices LT8338 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
LT8338
6
Rev. 0
For more information www.analog.com
TYPICAL PERFORMANCE CHARACTERISTICS
Power Switch Current Limit
vs Temperature
Bottom Switch On-Resistance
vs Temperature
Bottom Switch Minimum On-Time
vs Temperature
Bottom Switch Minimum Off-Time
vs Temperature
Switch Waveforms
(In CCM)
Switching Waveforms
(In Light Burst Mode Operation)
Switching Waveforms
(In Sleep Mode)
Switching Waveforms
(VIN Approaching VOUT)
Start-Up Waveforms
TEMPERATURE (°C)
–55 –25
5
35
65
95
125 155
1.20
1.25
1.30
1.35
1.40
1.45
1.50
1.55
1.60
8338 G10
TEMPERATURE (°C)
–55 –25
5
35
65
95
125 155
0
50
100
150
200
250
300
350
400
450
500
vs Temperature
8338 G11
TEMPERATURE (°C)
–55 –25
5
35
65
95
125 155
0
10
20
30
40
50
60
70
80
90
100
vs Temperature
8338 G12
TEMPERATURE (°C)
–55 –25
5
35
65
95
125 155
0
10
20
30
40
50
60
70
80
90
100
8338 G13
200ns/DIV
8338 G14
VSW
20V/DIV
IL
500mA/DIV
500ns/DIV
8338 G15
VSW
20V/DIV
IL
200mA/DIV
5µs/DIV
VSW
20V/DIV
IL
200mA/DIV
8338 G16
IN
OUT
VIN = 35V, VOUT = 36V, ILOAD = 300mA
1µs/DIV
8338 G17
VSW
IL
200mA/DIV
20V/DIV
1ms/DIV
8338 G18
VSW
IL
200mA/DIV
10V/DIV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com