Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MCP47FXB2XT-EST Fiches technique(PDF) 86 Page - Microchip Technology

No de pièce MCP47FXB2XT-EST
Description  8/10/12-Bit Quad/Octal Voltage Output, 6 LSb INL Digital-to-Analog Converters with I짼C Interface
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP47FXB2XT-EST Fiches technique(HTML) 86 Page - Microchip Technology

Back Button MCP47FXB2XT-EST Datasheet HTML 82Page - Microchip Technology MCP47FXB2XT-EST Datasheet HTML 83Page - Microchip Technology MCP47FXB2XT-EST Datasheet HTML 84Page - Microchip Technology MCP47FXB2XT-EST Datasheet HTML 85Page - Microchip Technology MCP47FXB2XT-EST Datasheet HTML 86Page - Microchip Technology MCP47FXB2XT-EST Datasheet HTML 87Page - Microchip Technology MCP47FXB2XT-EST Datasheet HTML 88Page - Microchip Technology MCP47FXB2XT-EST Datasheet HTML 89Page - Microchip Technology MCP47FXB2XT-EST Datasheet HTML 90Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 124 page
background image
MCP47FXBX4/8
DS20006368A-page 86
 2020 Microchip Technology Inc.
FIGURE 7-6:
I2C ACK/NACK Behavior (READ Command Example).
Read 1 Word Command
S
Slave Address
Command
Master
S
01
1
Slave Address
Data Byte
Data Byte
P
Master (Continued)
11
1
1P
Ex.1 (No Command Error)
Master
S 1100000 0 1 0 0 0 0 1 1 1 x1
MCP47FXBXXA0
0
0
I2C Bus
S 110000 0 0 00 0 0 0 0 1 1 x0
Master (Continued)
S 0 0 0 0 1 0 0 1 1
1
1 P
MCP47FXBXXA0 (Continued)
0 d d d d d d d d 0 d d dddddd 0
I2C Bus (Continued)
S 0 0 0 0 0 0 0 1 0 d d d d d d d d 0 dddddddd 0P
Ex.2 (With Command Error)
Master
S 1100000 0 1 0 1 1 1 1 0 0 x1
MCP47FXBXXA0
0
1
I2C Bus
S 1100000 0 0 0 1 1 1 1 0 0 x1
Master (Continued)
S 1 1 0 0 0 0 0 1 1
1
1 P
MCP47FXBXXA0 (Continued)
0 ? ? ? ? ? ? ? ? 0 ? ? ?????? 1
I2C Bus (Continued)
S 1 1 0 0 0 0 0 1 0 ? ? ? ? ? ? ? ? 0 ???????? 1P
Note 1: Once a command error occurs (example 2), the MCP47FXBX4/8 will NACK until a Start condition occurs.
2: For the command error case (Example 2), the data read are from the register of the last valid address
loaded into the device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More