| Moteur de recherche de fiches techniques de composants électroniques |
|
MCP47FXB2XT-EST Fiches technique(PDF) 82 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MCP47FXB2XT-EST Fiches technique(HTML) 82 Page - Microchip Technology |
|
82 / 124 page ![]() MCP47FXBX4/8 DS20006368A-page 82 2020 Microchip Technology Inc. FIGURE 7-3: Continuous WRITE Commands (Volatile Memory Only). D 15 D 14 D 13 D 12 D 11 D 10 D 09 D 08 D 07 D 06 D 05 D 04 D 03 D 02 D 01 D 00 A A Data to write MSB Data to write LSB D 15 D 14 D 13 D 12 D 11 D 10 D 09 D 08 D 07 D 06 D 05 D 04 D 03 D 02 D 01 D 00 A A Data to write MSB Data to write LSB D 15 D 14 D 13 D 12 D 11 D 10 D 09 D 08 D 07 D 06 D 05 D 04 D 03 D 02 D 01 D 00 A A Data to write MSB Data to write LSB AD 4 AD 3 AD 2 AD 1 AD 0 0 0 X A Write command P AD 4 AD 3 AD 2 AD 1 AD 0 0 0 X A Write command SA 6 S SA 5 SA 4 SA 3 SA 2 SA 1 SA 0 0 A AD 4 AD 3 AD 2 AD 1 AD 0 0 0 X A Control byte Write command Memory Address I2C ACK bit (1) 0 AD n A P S X SA n 0 0 I2C Start bit I2C Slave Address I2C Write bit Write command Reserved, should be set to ‘0’ I2C Stop bit (3) D nn Register data (to be written) (2) Legend: Note 1: The Acknowledge bit is generated by the MCP47FXBX4/8. 2: At the falling edge of the SCL pin for the WRITE command ACK bit, the MCP47FXBX4/8 device updates the value of the specified device register. 3: This command sequence does not need to terminate (using the Stop bit) and the WRITE command can be repeated. |