Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HT83048 Fiches technique(PDF) 3 Page - Holtek Semiconductor Inc

No de pièce HT83048
Description  Q-Voice
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  HOLTEK [Holtek Semiconductor Inc]
Site Internet  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT83048 Fiches technique(HTML) 3 Page - Holtek Semiconductor Inc

  HT83048 Datasheet HTML 1Page - Holtek Semiconductor Inc HT83048 Datasheet HTML 2Page - Holtek Semiconductor Inc HT83048 Datasheet HTML 3Page - Holtek Semiconductor Inc HT83048 Datasheet HTML 4Page - Holtek Semiconductor Inc HT83048 Datasheet HTML 5Page - Holtek Semiconductor Inc HT83048 Datasheet HTML 6Page - Holtek Semiconductor Inc HT83048 Datasheet HTML 7Page - Holtek Semiconductor Inc HT83048 Datasheet HTML 8Page - Holtek Semiconductor Inc HT83048 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
Pad Assignment
HT83003/HT83006/HT83009
Chip size: 2220
´ 1355 (mm)
2
* The IC substrate should be connected to VSS in the PCB layout artwork.
HT83018/HT83036
Chip size: 2220
´ 1660 (mm)
2
* The IC substrate should be connected to VSS in the PCB layout artwork.
HT83XXX
Rev. 0.10
3
August 25, 2003
Preliminary
( 0 , 0 )
2
3
4
5
6
7
8
9
1 0
1 1 1 2 1 3
1 4
1 5
1 6
1
P W M 2
P W M 1
V D D A
1 3
1 2
1 1
1 4
( 0 , 0 )
1
2
3
4
5
6
7
8
9 1 0
1 5
1 6
P W M 2
P W M 1
V D D A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21