| Moteur de recherche de fiches techniques de composants électroniques |
|
HT83048 Fiches technique(PDF) 2 Page - Holtek Semiconductor Inc |
|
|
|||||||||||||||||||||||||||||
HT83048 Fiches technique(HTML) 2 Page - Holtek Semiconductor Inc |
|
2 / 21 page ![]() Block Diagram Pin Assignment HT83XXX Rev. 0.10 2 August 25, 2003 Preliminary P r o g r a m C o u n t e r P r o g r a m R O M I n s t r u c t i o n R e g i s t e r I n s t r u c t i o n D e c o d e r T i m i n g G e n e r a t i o n O S C 1 R E S V D D V S S I n t e r r u p t C i r c u i t I N T C M P 0 M U X M U X D A T A M e m o r y A L U S h i f t e r S T A T U S A C C T M R 0 T M R 0 C S Y S C L K 8 - b i t L V D / L V R P A C P A P O R T A P A 0 ~ P A 7 S T A C K 2 S T A C K 3 S T A C K 0 S T A C K 1 S Y S C L K / 4 H A L T E N / D I S T i m e B a s e S Y S C L K / 1 0 2 4 W D T S W D T P r e s c a l e r ¸ 2 5 6 W D T R C O S C M U X S Y S C L K / 4 P W M S Y S C L K P W M 1 P W M 2 8 - s t a g e P r e s c a l e r T M R 1 T M R 1 C S Y S C L K 8 - b i t 8 - s t a g e P r e s c a l e r 1 2 3 4 5 6 7 8 9 1 0 1 1 1 2 1 3 1 4 1 5 1 6 H T 8 3 0 0 3 / H T 8 3 0 0 6 / H T 8 3 0 0 9 / H T 8 3 0 1 8 H T 8 3 0 3 6 / H T 8 3 0 4 8 / H T 8 3 0 7 2 3 2 D I P - A 3 2 3 1 3 0 2 9 2 8 2 7 2 6 2 5 2 4 2 3 2 2 2 1 2 0 1 9 1 8 1 7 N C N C N C N C N C N C P W M 2 P W M 1 V D D A V D D V S S A V S S O S C 1 R E S P A 7 P A 6 N C N C N C N C N C N C N C N C N C N C P A 0 P A 1 P A 2 P A 3 P A 4 P A 5 |