| Moteur de recherche de fiches techniques de composants électroniques |
|
ADAV803ASTZ Fiches technique(PDF) 29 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADAV803ASTZ Fiches technique(HTML) 29 Page - Analog Devices |
|
29 / 56 page ![]() ADAV803 Rev. 0 | Page 29 of 56 put/output switching/ clude the output ports (both 3-wire digital) and the ces. Datapath The ADAV803 features a digital in multiplexing matrix that gives flexibility to the range of possible input and output connections. Digital input ports include playback and auxiliary input (both 3-wire digital), and S/PDIF (single-wire to the on-chip receiver). Output ports in record and auxiliary S/PDIF port (single-wire from the on-chip transmitter). Internally, the DIR and DIT are interfaced via 3-wire interfa The datapath for each input and output port is selected by programming Datapath Control Registers 1 and 2. Figure 52 shows the internal datapath structure of the ADAV803. PLL ADC DAC OSCILLATOR REFERENCE CONTROL PLAYBACK DIR AUX OUTPUT AUX DATA OUTPUT DIT SRC REGISTERS DATA DATA RECORD DATA INPUT INPUT Figure 52. Datapath |