Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ADAV803ASTZ Fiches technique(PDF) 33 Page - Analog Devices

No de pièce ADAV803ASTZ
Description  Audio Codec for Recordable DVD
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

ADAV803ASTZ Fiches technique(HTML) 33 Page - Analog Devices

Back Button ADAV803ASTZ Datasheet HTML 29Page - Analog Devices ADAV803ASTZ Datasheet HTML 30Page - Analog Devices ADAV803ASTZ Datasheet HTML 31Page - Analog Devices ADAV803ASTZ Datasheet HTML 32Page - Analog Devices ADAV803ASTZ Datasheet HTML 33Page - Analog Devices ADAV803ASTZ Datasheet HTML 34Page - Analog Devices ADAV803ASTZ Datasheet HTML 35Page - Analog Devices ADAV803ASTZ Datasheet HTML 36Page - Analog Devices ADAV803ASTZ Datasheet HTML 37Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 56 page
background image
ADAV803
Rev. 0 | Page 33 of 56
2
Table 20. Auxiliary Input Port Register
RES
RES
RES
CLKSRC1
CLKSRC0
SPMODE
SPMODE1
SPMODE0
7
6
5
4
3
2
1
0
ADDRESS = 0000101 (0x05)
CLKSRC1–0
Selects the clock source for generating the IAUXLRCLK and IAUXBCLK.
00 = Input port is a slave.
01 = Recovered PLL cock.
10 = Internal Clock 1.
11 = Internal Clock 2.
SPMODE2–0
ut port.
tified.
right-justified.
right-justified.
ustified.
Selects the serial format of auxiliary inp
000 = Left-jus
001 = I2S.
100 = 24-bit,
101 = 20-bit,
110 = 18-bit, right-justified.
111 = 16-bit, right-j
Table 21. Record Por
RES
RES
CLKSRC1
CLKSRC0
WLEN1
WLEN0
SPMODE1
SPMODE0
t Control Register
7
6
5
4
3
2
1
0
ADDRESS = 0000110 (0x06)
CLKSRC1–0
Selects the clock source for gen
RCLK and OBCLK.
erating the OL
00 = Record port is a slave.
covered PLL clock.
lock 2.
l output word length.
record port.
01 = I2S.
10 = Reserved.
11 = Right-justified.
01 = Re
10 = Internal Clock 1.
11 = Internal C
WLEN1–0
Selects the seria
00 = 24 bits.
01 = 20 bits.
10 = 18 bits.
11 = 16 bits.
SPMODE1–0
Selects the serial format of the
00 = Left-justified.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56