Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SPM3-241 Fiches technique(PDF) 3 Page - Carlo Gavazzi Holding AG

No de pièce SPM3-241
Description  Modular Switching Power Supply Type SPM 3 DIN Rail Mounting
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CARLOGAVAZZI [Carlo Gavazzi Holding AG]
Site Internet  https://gavazziautomation.com/
Logo CARLOGAVAZZI - Carlo Gavazzi Holding AG

SPM3-241 Fiches technique(HTML) 3 Page - Carlo Gavazzi Holding AG

  SPM3-241 Datasheet HTML 1Page - Carlo Gavazzi Holding AG SPM3-241 Datasheet HTML 2Page - Carlo Gavazzi Holding AG SPM3-241 Datasheet HTML 3Page - Carlo Gavazzi Holding AG  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Specifications are subject to change without notice. Pictures are just an example. For special features and/or customization, please ask to our sales network. 170516
3
Modular Switching Power Supply
Type SPM 3
DIN Rail Mounting
Derating Diagram
Power out (%)
Temperature °C (°F)
100
90
80
70
60
50
40
30
20
10
0
-25 -20 -15 -10
55
60
61
71
65
70
75
80
(-13)
(-4)
(5)
(14)
(131) (140)
(141.8)
(159.8)
(149) (152) (167) (176)
Mechanical Drawings (mm)
(2.047)
52.00
14
56
LN
1
(0.394)
(0.394)
0.00
10.00
4
(1.772)
5.00
91.00
(3.582)
67.00
(2.637)
Pin Assignement and Front Controls
Construction
Easy snap-on mounting onto the DIN-Rail (TS35/7.5 or
TS35/15), unit sits safety and firmly on the rail; no tools
required even to remove.
Ventilation and cooling
Normal convection. All sides
25mm
free
space
for cooling is recommended
Screw terminals
24-12 AWG flexible or solid
cable (user copper
conductors only)
Max. torque for terminals
Input terminals
0.56Nm (5.0lb-in)
Output terminals
0.56Nm (5.0lb-in)
Installation
Pin No.
Designation
Description
1
+
Positive output terminal
2
+
Positive output terminal
3
-
Negative output terminal
4
-
Negative output terminal
5
L
Input terminal (phase conductor, no polarity @ DC input)
6
N
Input terminal (neutral conductor, no polarity @ DC input)
P1
Vout Adj.
Trimmer-potentiometer for Vout adjustment
LED1
DC ON
Operation indicator LED
LED2
DC LO
DC LOW indicator LED



Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com