Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SPM3-241 Fiches technique(PDF) 2 Page - Carlo Gavazzi Holding AG

No de pièce SPM3-241
Description  Modular Switching Power Supply Type SPM 3 DIN Rail Mounting
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CARLOGAVAZZI [Carlo Gavazzi Holding AG]
Site Internet  https://gavazziautomation.com/
Logo CARLOGAVAZZI - Carlo Gavazzi Holding AG

SPM3-241 Fiches technique(HTML) 2 Page - Carlo Gavazzi Holding AG

  SPM3-241 Datasheet HTML 1Page - Carlo Gavazzi Holding AG SPM3-241 Datasheet HTML 2Page - Carlo Gavazzi Holding AG SPM3-241 Datasheet HTML 3Page - Carlo Gavazzi Holding AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
Specifications are subject to change without notice. Pictures are just an example. For special features and/or customization, please ask to our sales network. 170516
Modular Switching Power Supply
Type SPM 3
DIN Rail Mounting
Input Fuse
T2A/250VAC internal
1)
Output Short Circuit
Fold forward
Rated Overload Protection
110-150%
Controls and Protections
Insulation voltage
3.000VAC
Insulation resistance
100MΩ
Ambient temperature
-25°C to 71°C (-13°F to 159.8°F)
Derating (>61°C to +71°C)
2.5%/°C (1.4%/°F)
Ambient humidity
90%RH
Storage temperature
-25°C to 85°C (-13°F to 185°F)
Dimensions
L x W x D mm
91 x 52 x 55.5
L x W x D inches
3.582 x 2.047 x 2.185
General Data (@ nominal line, full load, 25°C )
UL / cUL
file: E258355
UL508 listed,
file: E258395
UL1310 Class 2 power
supply, file: E258396
UL60950-1 Recognized
TUV
EN60950-1
Approvals
Block Diagrams
Vo -
Vo +
L
N
Fuse
PWM
Contr oller
Switching
Device
Line
Filter
Inr ush Cur r ent
Limiter and
rectifier
Rectifier
Opto -
Isolation
Output Level
Detection
Reference &
Error Amp.
Vout
ADJ.
DC O N
(Gr een LED)
DC LO
(Red LED)
Opto -
Isolation
Over Voltage
Detection
Rated input voltage
100/240VAC
Voltage range
AC in
90 - 264 VAC
DC in
120 - 370 VDC
Line frequency
47 - 63Hz
Inrush current
Vi= 115VAC
Typ: 20A Max: 25A
Vi= 230VAC
Typ: 40A Max: 50A
Input Data
1) Fuse not replaceable by user
Cooling
Free air convection
Case material
Plastic (PC-UL94-V0)
MTBF
SPM3-051
737000 Hours
SPM3-121
735000 Hours
SPM3-151
779000 Hours
SPM3-241
778000 Hours
Weight
185g
Protection degree
IP20
CE
EN61000-6-3,
EN55022 class B,
EN61000-3-2,
EN61000-3-3,
EN61000-6-2, EN55024,
EN61000-4-2, EN61000-4-3,
EN61000-4-4, EN61000-4-5,
EN61000-4-6, EN61000-4-8,
EN61000-4-11



Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com