Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD9546/PCBZ Fiches technique(PDF) 159 Page - Analog Devices

No de pièce AD9546/PCBZ
Description  Dual DPLL Digitized Clock Synchronizer
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD9546/PCBZ Fiches technique(HTML) 159 Page - Analog Devices

Back Button AD9546/PCBZ Datasheet HTML 155Page - Analog Devices AD9546/PCBZ Datasheet HTML 156Page - Analog Devices AD9546/PCBZ Datasheet HTML 157Page - Analog Devices AD9546/PCBZ Datasheet HTML 158Page - Analog Devices AD9546/PCBZ Datasheet HTML 159Page - Analog Devices AD9546/PCBZ Datasheet HTML 160Page - Analog Devices AD9546/PCBZ Datasheet HTML 161Page - Analog Devices AD9546/PCBZ Datasheet HTML 162Page - Analog Devices AD9546/PCBZ Datasheet HTML 163Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 159 / 205 page
background image
Data Sheet
AD9546
Rev. 0 | Page 159 of 205
TAGGED TIME STAMPS
The UTSPs can operate on tagged time stamps from the various
time stamp sources shown in Figure 107. When the selected time
stamp source is generating tagged time stamps, the user can
program the UTSP to only pay attention to the tagged time stamps,
while ignoring untagged time stamps. To enable tagged time stamp
processing, program Bit 5 of Register 0x2A12 (for UTSP 0) and
Register 0x2A13 (for UTSP 1) to Logic 1.
UTSP WITH SYSTEM CLOCK COMPENSATION
The AD9546 allows the user to apply system clock
compensation (see the System Clock Compensation section) to
the time stamp sources as well as to the auxiliary NCOs. This
poses a potential problem when the user selects an auxiliary
NCO as a time scale for a UTSP. Specifically, when the user
elects to apply system clock compensation to a time stamp
source and that time stamp source is the input to a UTSP, then
the user must apply the same system clock compensation to the
auxiliary NCO selected as the time scale for that UTSP. Otherwise,
the time stamps that are output by the UTSP are in error.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More