Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD9546/PCBZ Fiches technique(PDF) 86 Page - Analog Devices

No de pièce AD9546/PCBZ
Description  Dual DPLL Digitized Clock Synchronizer
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD9546/PCBZ Fiches technique(HTML) 86 Page - Analog Devices

Back Button AD9546/PCBZ Datasheet HTML 82Page - Analog Devices AD9546/PCBZ Datasheet HTML 83Page - Analog Devices AD9546/PCBZ Datasheet HTML 84Page - Analog Devices AD9546/PCBZ Datasheet HTML 85Page - Analog Devices AD9546/PCBZ Datasheet HTML 86Page - Analog Devices AD9546/PCBZ Datasheet HTML 87Page - Analog Devices AD9546/PCBZ Datasheet HTML 88Page - Analog Devices AD9546/PCBZ Datasheet HTML 89Page - Analog Devices AD9546/PCBZ Datasheet HTML 90Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 205 page
background image
AD9546
Data Sheet
Rev. 0 | Page 86 of 205
REFERENCE MONITOR RESET
The reference monitor associated with a specific reference
resets under certain conditions. A reset restarts the period and
jitter estimation process for the reference monitor. The
following list indicates the conditions that cause the reference
monitor to reset (also shown in Figure 60):
When the system clock indicates unstable status
When the user changes the mode of the input receiver, the
R divider value, the tREF value, the ΔtREF value, the jitter
tolerance value, or the hysteresis value
Optionally, when the reference experiences a significant
phase step as determined by the DPLL (assuming the user
enables phase step detection via Bit 7 of Register 0x2105
and Register 0x2205).
The last item requires that the user program a nonzero phase
step limit value. See the Phase Step Limit section for details
regarding the phase step limit feature.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More