Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD9546/PCBZ Fiches technique(PDF) 99 Page - Analog Devices

No de pièce AD9546/PCBZ
Description  Dual DPLL Digitized Clock Synchronizer
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD9546/PCBZ Fiches technique(HTML) 99 Page - Analog Devices

Back Button AD9546/PCBZ Datasheet HTML 95Page - Analog Devices AD9546/PCBZ Datasheet HTML 96Page - Analog Devices AD9546/PCBZ Datasheet HTML 97Page - Analog Devices AD9546/PCBZ Datasheet HTML 98Page - Analog Devices AD9546/PCBZ Datasheet HTML 99Page - Analog Devices AD9546/PCBZ Datasheet HTML 100Page - Analog Devices AD9546/PCBZ Datasheet HTML 101Page - Analog Devices AD9546/PCBZ Datasheet HTML 102Page - Analog Devices AD9546/PCBZ Datasheet HTML 103Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 99 / 205 page
background image
Data Sheet
AD9546
Rev. 0 | Page 99 of 205
For example, determine the value necessary to yield a 14% pulse
width given E = 7301. Solving Equation 2 for Phase Offset yields
the following:
Phase Offset = Pulse Width × E/100
= 14 × 7301/100
= 1022 (nearest integer)
= 0x 0 0000 03FE (hexadecimal)
The user has the option to adjust the output pulse width only
prior to execution of the first subsequent phase offset. After
invoking a subsequent phase offset, pulse width control is no
longer available. To change the output pulse width after
executing the first subsequent phase offset, the user must issue
a Q divider synchronization (see the Distribution Output Clock
Synchronization section), at which point the Q divider is ready to
accept a new initial phase offset, a new output pulse width, and
subsequent phase offsets.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More