| Moteur de recherche de fiches techniques de composants électroniques |
|
AD9546/PCBZ Fiches technique(PDF) 150 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD9546/PCBZ Fiches technique(HTML) 150 Page - Analog Devices |
|
150 / 205 page ![]() AD9546 Data Sheet Rev. 0 | Page 150 of 205 START YES NO YES NO YES NO = 0? = 1? REG 0x2105, BIT 1 = 1? SELECT TRANSLATION PROFILE 0.x PER AUTOMATIC, PRIORITY-BASED TRANSLATION PROFILE SELECTION MANUAL ONLY TRANSLATION PROFILE SELECTION1 YES NO = 3? YES = 2? MANUAL TRANSLATION PROFILE SELECTION WITH FALLBACK TO HOLDOVER DPLL USES DPLL USES TRANSLATION PROFILE 0.x DPLL USES SELECTED TRANSLATION PROFILE MANUAL TRANSLATION PROFILE SELECTION WITH FALLBACK TO PRIORITY- BASED TRANSLATION PROFILE SELECTION FORCED FREERUN 1FOR DEBUG ONLY. THE DPLL USES TRANSLATION PROFILE 0.x WITHOUT VALIDATING THE SOURCE. THEREFORE, THE DPLL IS NOT GUARANTEED TO FUNCTION NORMALLY. CONTACT ANALOG DEVICES FOR DETAILS. ENTER EXIT HOLDOVER PROCEDURE PRIORITY SELECTION PROCEDURE YES NO PASS? ENTER EXIT TRANSLATION PROFILE VALIDATION PROCEDURE YES NO PROFILE VALID? NO REG 0x2105, BITS[3:2] = 1 FORCED HOLDOVER NOTES 1. A RANGE OF BITS USES A COLON SEPARATOR 2. REGISTER ADDRESSES ARE SPECIFIC TO DPLL0 REG 0x2105, BIT 0 REG 0x2105, BITS[3:2] REG 0x2105, BITS[6:4] REG 0x2105, BITS[3:2] REG 0x2105, BITS[3:2] REG 0x1005 TO 0x1000, BITS[45:0] Figure 102. DPLL Mode Selection Flowchart |