Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

VD6640 Fiches technique(PDF) 40 Page - STMicroelectronics

No de pièce VD6640
Description  Automotive 1.3 megapixel high-dynamic range image sensor
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VD6640 Fiches technique(HTML) 40 Page - STMicroelectronics

Back Button VD6640 Datasheet HTML 36Page - STMicroelectronics VD6640 Datasheet HTML 37Page - STMicroelectronics VD6640 Datasheet HTML 38Page - STMicroelectronics VD6640 Datasheet HTML 39Page - STMicroelectronics VD6640 Datasheet HTML 40Page - STMicroelectronics VD6640 Datasheet HTML 41Page - STMicroelectronics VD6640 Datasheet HTML 42Page - STMicroelectronics VD6640 Datasheet HTML 43Page - STMicroelectronics VD6640 Datasheet HTML 44Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 126 page
background image
Control interface
VG6640, VD6640
40/126
DocID023597 Rev 11
4.2.6
System flag registers [0x211D to 0x2121]
Table 11. System flag registers [0x211D to 0x2121]
Index
Byte
Register name
Data
type
Default
Type
Comment
0x211D
SystemFsm
8UI
0x02
DNW
Indicates the state of the state
machine:
0x00 = SENSOR_HWRESET
0x01 = SENSOR_BOOT
0x02 = SENSOR_IDLE, sensor
ready and waiting for command.
0x03 = SENSOR_STREAM
_STARTUP
0x04 = SENSOR_STREAM, sensor
is streaming images
0x05 = SENSOR_STOP
_STREAMING, received stop
command
0x211E
FirmwareRevision
8UI
0x20
DNW
Firmware revision
0x211F
VTimingRevision
8UI
0x30
DNW
Video timing revision



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More