| Moteur de recherche de fiches techniques de composants électroniques |
|
VD6640 Fiches technique(PDF) 22 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
VD6640 Fiches technique(HTML) 22 Page - STMicroelectronics |
|
22 / 126 page ![]() Functional description VG6640, VD6640 22/126 DocID023597 Rev 11 3.1.5 Power management The power management block provides the necessary supplies to the CAB and improves the power supply rejection ratio (PSRR). 3.1.6 Multiple exposure HDR pixel The high dynamic range (HDR) image data is constructed by combination of three exposures (integration time) for each pixel. A long exposure captures details in the dark parts of the scene, whilst a short exposure captures details in the bright parts. A mid-length exposure captures all mid-range details. Figure 6. Multiple exposure HDR pixel During pixel data collection, the long exposure is made first and stored in SRAM. Then the medium exposure is made Finally, the short exposure is made and once all the data is collected, the three exposures are intelligently merged to create one high dynamic range pixel value. 3.2 Digital video block The HDR video pipe includes the following main functional blocks: • three sub-pipes, one for each pixel exposure, see Section 3.2.1 • statistics gathering, see Section 3.2.2 • pattern generator, see Section 3.2.3 • HDR rescaling, see Section 3.2.4 • piece-wise linear (PWL) compression, see Section 3.2.5 • status line and trailer, see Section 3.2.6 • defect correction supporting RAW Bayer and Monochrome color masks. Lo n g 12b it exp o su re Sto re d Med iu m 10b it exposu re Sto re d Sh o rt 10b it exp o su re 17bit 22bit HD R Im age HD R Me rg e M2 L and Dig ita l Ga in HD R Me rg e S2 M L and Dig ita l Ga in |