Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

VD6640 Fiches technique(PDF) 114 Page - STMicroelectronics

No de pièce VD6640
Description  Automotive 1.3 megapixel high-dynamic range image sensor
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VD6640 Fiches technique(HTML) 114 Page - STMicroelectronics

Back Button VD6640 Datasheet HTML 110Page - STMicroelectronics VD6640 Datasheet HTML 111Page - STMicroelectronics VD6640 Datasheet HTML 112Page - STMicroelectronics VD6640 Datasheet HTML 113Page - STMicroelectronics VD6640 Datasheet HTML 114Page - STMicroelectronics VD6640 Datasheet HTML 115Page - STMicroelectronics VD6640 Datasheet HTML 116Page - STMicroelectronics VD6640 Datasheet HTML 117Page - STMicroelectronics VD6640 Datasheet HTML 118Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 114 / 126 page
background image
Package information
VG6640, VD6640
114/126
DocID023597 Rev 11
13
Package information
13.1
Im2BGA package information
The package is compliant with ST’s ECOPACK2 standard of environmental protection
(including RoHS compliance and “Halogen Free”). ECOPACK® specifications, grade
definitions and product status are available at: www.st.com.
Note: The terminal A1 corner is identified on the top surface by using a corner chamfer, ink
or metrallized markings, or other feature of package body.
Figure 39. Im2BGA top view
Figure 40. Im2BGA bottom view



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More