Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TMP139AIYAHR Fiches technique(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
No de pièce TMP139AIYAHR
Description  TMP139 0.5 째C Accuracy, JEDEC DDR5 Grade B, Digital Temperature Sensor With I2C and I3C Interface
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

TMP139AIYAHR Fiches technique(HTML) 3 Page - Texas Instruments

  TMP139AIYAHR Datasheet HTML 1Page - Texas Instruments TMP139AIYAHR Datasheet HTML 2Page - Texas Instruments TMP139AIYAHR Datasheet HTML 3Page - Texas Instruments TMP139AIYAHR Datasheet HTML 4Page - Texas Instruments TMP139AIYAHR Datasheet HTML 5Page - Texas Instruments TMP139AIYAHR Datasheet HTML 6Page - Texas Instruments TMP139AIYAHR Datasheet HTML 7Page - Texas Instruments TMP139AIYAHR Datasheet HTML 8Page - Texas Instruments TMP139AIYAHR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 58 page
background image
5 Pin Configuration and Functions
1
2
A
B
C
Not to scale
SCL
V
DD IO
SDA
SA
VSS
V
DD SPD
Figure 5-1. YAH Package 6-Pin DSBGA Top View
Table 5-1. Pin Functions
PIN
I/O
DESCRIPTION
NAME
BALL
SA
B2
I
Address select. Connected to VDDSPD or GND
SCL
A1
I
Serial clock
SDA
B1
I/O
Serial data input and output. Pin may be open drain or push-pull in I3C mode and open drain
in I2C mode
VDDIO
A2
I
Supply voltage for sensor I/Os
VDDSPD
C2
I
Supply voltage for sensor core
VSS
C1
—
Ground
www.ti.com
TMP139
SNIS217 – DECEMBER 2020
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
3
Product Folder Links: TMP139



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58