Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DS160PR412RUAR Fiches technique(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
No de pièce DS160PR412RUAR
Description  DS160PR412 PCIe짰 4.0 16 Gbps 4-channel Linear Redriver with Integrated 1:2 Demux
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

DS160PR412RUAR Fiches technique(HTML) 10 Page - Texas Instruments

Back Button DS160PR412RUAR Datasheet HTML 6Page - Texas Instruments DS160PR412RUAR Datasheet HTML 7Page - Texas Instruments DS160PR412RUAR Datasheet HTML 8Page - Texas Instruments DS160PR412RUAR Datasheet HTML 9Page - Texas Instruments DS160PR412RUAR Datasheet HTML 10Page - Texas Instruments DS160PR412RUAR Datasheet HTML 11Page - Texas Instruments DS160PR412RUAR Datasheet HTML 12Page - Texas Instruments DS160PR412RUAR Datasheet HTML 13Page - Texas Instruments DS160PR412RUAR Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 37 page
background image
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tr
Rise time of both SDA and SCL
signals
Pull-up resistor = 4.7 kΩ, Cb = 10pF
120
ns
tf
Fall time of both SDA and SCL signals Pull-up resistor = 4.7 kΩ, Cb = 10pF
2
ns
tSU-STO
Set-up time for STOP condition
0.6
µs
tBUF
Bus free time between a STOP and
START condition
1.3
µs
tVD-DAT
Data valid time
0.9
µs
tVD-ACK
Data valid acknowledge time
0.9
µs
Cb
capacitive load for each bus line
400
pF
DS160PR412
SNLS685 – DECEMBER 2020
www.ti.com
10
Submit Document Feedback
Copyright © 2020 Texas Instruments Incorporated
Product Folder Links: DS160PR412



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37