| Moteur de recherche de fiches techniques de composants électroniques |
|
STPMIC1APQR Fiches technique(PDF) 125 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STPMIC1APQR Fiches technique(HTML) 125 Page - STMicroelectronics |
|
125 / 140 page ![]() 6.7.8 NVM device address shadow register (I2C_ADDR_SHR) Table 72. NVM_I2C_ADDR_AHR 7 6 5 4 3 2 1 0 reserved I2C_ADDR[6:0] R/W R/W R/W R/W R/W R/W R/W R/W Address: 0xFF Type: read write register Default: depends on part number refer to Table 64. NVM shadow register map Description: NVM device address shadow register. [7] Reserved [6:0] I2C_ADDR[6:0]: I2C device address. Warning: applied immediately, next access should use new address STPMIC1 NVM shadow registers DS12792 - Rev 7 page 125/140 |