| Moteur de recherche de fiches techniques de composants électroniques |
|
STPMIC1APQR Fiches technique(PDF) 62 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STPMIC1APQR Fiches technique(HTML) 62 Page - STMicroelectronics |
|
62 / 140 page ![]() 6 Register description 6.1 User register map Registers are all default down to 0 at VIN_POR_Fall. Default value in the table below represents values at POWER_ON when application processor can access I2C registers. Value ‘x’ represents: • Read/write bits loaded by NVM • Read bit status depending on previous operation or event It is important to highlight that all bits marked "reserved" (-) must be written 0 (reset value). So a read / modify / write operation into a register is allowed if "reserved" bits are not modified. STPMIC1 Register description DS12792 - Rev 7 page 62/140 |