Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STPMIC1APQR Fiches technique(PDF) 97 Page - STMicroelectronics

No de pièce STPMIC1APQR
Description  Highly integrated power management IC for micro processor units
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPMIC1APQR Fiches technique(HTML) 97 Page - STMicroelectronics

Back Button STPMIC1APQR Datasheet HTML 93Page - STMicroelectronics STPMIC1APQR Datasheet HTML 94Page - STMicroelectronics STPMIC1APQR Datasheet HTML 95Page - STMicroelectronics STPMIC1APQR Datasheet HTML 96Page - STMicroelectronics STPMIC1APQR Datasheet HTML 97Page - STMicroelectronics STPMIC1APQR Datasheet HTML 98Page - STMicroelectronics STPMIC1APQR Datasheet HTML 99Page - STMicroelectronics STPMIC1APQR Datasheet HTML 100Page - STMicroelectronics STPMIC1APQR Datasheet HTML 101Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 140 page
background image
6.4.10
LDO4 ALTERNATE mode control register (LDO4_ALT_CR)
Table 47. LDO4_ALT_CR
7
6
5
4
3
2
1
0
reserved
reserved
reserved
reserved
reserved
reserved
reserved
ENA
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Address: 0x38
Type: read/write register
Default: 0x00
Description: LDO4 ALTERNATE mode control register. Register is set to a default value in CHECK&LOAD.
User can write to this register to control enable LDO4 that is applied to ALTERNATE mode.
[7 :1]
Reserved
[0]
ENA: LDO4 enable bit
0: LDO4 is disabled
1: LDO4 is enabled
STPMIC1
Power supplies control registers
DS12792 - Rev 7
page 97/140



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More