Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STPMIC1APQR Fiches technique(PDF) 106 Page - STMicroelectronics

No de pièce STPMIC1APQR
Description  Highly integrated power management IC for micro processor units
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPMIC1APQR Fiches technique(HTML) 106 Page - STMicroelectronics

Back Button STPMIC1APQR Datasheet HTML 102Page - STMicroelectronics STPMIC1APQR Datasheet HTML 103Page - STMicroelectronics STPMIC1APQR Datasheet HTML 104Page - STMicroelectronics STPMIC1APQR Datasheet HTML 105Page - STMicroelectronics STPMIC1APQR Datasheet HTML 106Page - STMicroelectronics STPMIC1APQR Datasheet HTML 107Page - STMicroelectronics STPMIC1APQR Datasheet HTML 108Page - STMicroelectronics STPMIC1APQR Datasheet HTML 109Page - STMicroelectronics STPMIC1APQR Datasheet HTML 110Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 106 / 140 page
background image
6.5.8
Interrupt mask registers (INT_MASK_Rx)
Table 55. INT_MASK_Rx
Name
Address
7
6
5
4
3
2
1
0
INT
_MASK
_R1
0x80
SWOUT
_RI
SWOUT_
FA
VBUS
OTG_RI
VBUS
OTG_FA
WKP
_RI
WKP
_FA
PKEY
_RI
PKEY
_FA
INT
_MASK
_R2
0x81
BST
_OVP
BST_OCP
SWOUT_
OCP
VBUS
OTG_OCP
BUCK4_
OCP
BUCK3_
OCP
BUCK2_
OCP
BUCK1_
OCP
INT
_MASK
_R3
0x82
SWOUT
_SH
VBUS
OTG_SH
LDO6_
OCP
LDO5
_OCP
LDO4_
OCP
LDO3_
OCP
LDO2_
OCP
LDO1_
OCP
INT
_MASK
_R4
0x83
SWIN
_RI
SWIN
_FA
reserved
reserved
VINLOW_
RI
VINLOW_
FA
THW
_RI
THW
_FA
Address: 0x80 – 0x83
Type: read/write register
Default: 0xFF
0x83
Description: interrupt mask registers. Registers are default on RSTn assertion.
Reading 1 from the bit means the corresponding interrupt event is masked
Refer to Section 6.5.2 Interrupt pending register 1 (INT_PENDING_R1), Section 6.5.3 Interrupt
pending register 2 (INT_PENDING_R2), Section 6.5.4 Interrupt pending register 3 (INT_PENDING_R3) and
Section 6.5.5 Interrupt pending register 4 (INT_PENDING_R4) about the interrupt description.
STPMIC1
Interrupt registers
DS12792 - Rev 7
page 106/140



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More