Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM32L552VCU6PXXX Fiches technique(PDF) 118 Page - STMicroelectronics

No de pièce STM32L552VCU6PXXX
Description  Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU, 165 DMIPS, up to 512 KB Flash memory, 256 KB SRAM, SMPS
PDF  340 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L552VCU6PXXX Fiches technique(HTML) 118 Page - STMicroelectronics

Back Button STM32L552VCU6PXXX Datasheet HTML 114Page - STMicroelectronics STM32L552VCU6PXXX Datasheet HTML 115Page - STMicroelectronics STM32L552VCU6PXXX Datasheet HTML 116Page - STMicroelectronics STM32L552VCU6PXXX Datasheet HTML 117Page - STMicroelectronics STM32L552VCU6PXXX Datasheet HTML 118Page - STMicroelectronics STM32L552VCU6PXXX Datasheet HTML 119Page - STMicroelectronics STM32L552VCU6PXXX Datasheet HTML 120Page - STMicroelectronics STM32L552VCU6PXXX Datasheet HTML 121Page - STMicroelectronics STM32L552VCU6PXXX Datasheet HTML 122Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 118 / 340 page
background image
41
41
56
A6
57
A6
91
D6 134
41
41
57
91
D6 135
PB5
I/O
FT
_d
-
LPTIM1_IN1,
TIM3_CH2,
OCTOSPI1_NCLK,
I2C1_SMBA,
SPI1_MOSI,
SPI3_MOSI,
USART1_CK,
UART5_CTS/UART5_
NSS, TSC_G2_IO2,
COMP2_OUT,
SAI1_SD_B,
TIM16_BKIN,
EVENTOUT
UCPD1_DB1
42
42
57
C6
58
C6
92
A5
135
42
42
58
92
A5
136
PB6
I/O
FT
_fa
-
LPTIM1_ETR,
TIM4_CH1,
TIM8_BKIN2,
I2C1_SCL, I2C4_SCL,
USART1_TX,
TSC_G2_IO3,
SAI1_FS_B,
TIM16_CH1N,
EVENTOUT
COMP2_INP
Table 21. STM32L552xx pin definitions (continued)
Pin Number
Alternate functions
Additional
functions
STM32L552xxxxP
STM32L552xxxxQ
STM32L552xx



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More