Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM32L552VCU6PXXX Fiches technique(PDF) 99 Page - STMicroelectronics

No de pièce STM32L552VCU6PXXX
Description  Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU, 165 DMIPS, up to 512 KB Flash memory, 256 KB SRAM, SMPS
PDF  340 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L552VCU6PXXX Fiches technique(HTML) 99 Page - STMicroelectronics

Back Button STM32L552VCU6PXXX Datasheet HTML 95Page - STMicroelectronics STM32L552VCU6PXXX Datasheet HTML 96Page - STMicroelectronics STM32L552VCU6PXXX Datasheet HTML 97Page - STMicroelectronics STM32L552VCU6PXXX Datasheet HTML 98Page - STMicroelectronics STM32L552VCU6PXXX Datasheet HTML 99Page - STMicroelectronics STM32L552VCU6PXXX Datasheet HTML 100Page - STMicroelectronics STM32L552VCU6PXXX Datasheet HTML 101Page - STMicroelectronics STM32L552VCU6PXXX Datasheet HTML 102Page - STMicroelectronics STM32L552VCU6PXXX Datasheet HTML 103Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 99 / 340 page
background image
19
19
26
H5
25
H5
33
L4
44
19
19
27
36
L4
47
PB1
I/O
FT
_a
-
TIM1_CH3N,
TIM3_CH4,
TIM8_CH3N,
DFSDM1_DATIN0,
USART3_RTS/USART
3_DE,
LPUART1_RTS/LPUA
RT1_DE,
OCTOSPI1_IO0,
LPTIM2_IN1,
EVENTOUT
COMP1_INM,
ADC12_IN16
20
20
27
J5
26
J5
34
K4
45
20
20
28
37
K4
48
PB2
I/O
FT
_a
-
LPTIM1_OUT,
I2C3_SMBA,
DFSDM1_CKIN0,
OCTOSPI1_DQS,
UCPD1_FRSTX1,
EVENTOUT
RTC_OUT2,
COMP1_INP
-
----
--
K5
46
-
---
K5
49
PF11
I/O FT
-
OCTOSPI1_NCLK,
EVENTOUT
-
-
----
--
L5
47
-
---
L5
50
PF12
I/O FT
-
FMC_A6, EVENTOUT
-
-
-
-
J9
-
J9
--
48
-
----
51
VSS
S
-
-
-
-
-
-
-
J8
-
J8
--
49
-
----
52
VDD
S
-
-
-
-
-
----
--
M5
50
-
---
M5
53
PF13
I/O FT
-
I2C4_SMBA, FMC_A7,
EVENTOUT
-
Table 21. STM32L552xx pin definitions (continued)
Pin Number
Alternate functions
Additional
functions
STM32L552xxxxP
STM32L552xxxxQ
STM32L552xx



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More