Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM32L552VCU6PXXX Fiches technique(PDF) 89 Page - STMicroelectronics

No de pièce STM32L552VCU6PXXX
Description  Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU, 165 DMIPS, up to 512 KB Flash memory, 256 KB SRAM, SMPS
PDF  340 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L552VCU6PXXX Fiches technique(HTML) 89 Page - STMicroelectronics

Back Button STM32L552VCU6PXXX Datasheet HTML 85Page - STMicroelectronics STM32L552VCU6PXXX Datasheet HTML 86Page - STMicroelectronics STM32L552VCU6PXXX Datasheet HTML 87Page - STMicroelectronics STM32L552VCU6PXXX Datasheet HTML 88Page - STMicroelectronics STM32L552VCU6PXXX Datasheet HTML 89Page - STMicroelectronics STM32L552VCU6PXXX Datasheet HTML 90Page - STMicroelectronics STM32L552VCU6PXXX Datasheet HTML 91Page - STMicroelectronics STM32L552VCU6PXXX Datasheet HTML 92Page - STMicroelectronics STM32L552VCU6PXXX Datasheet HTML 93Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 340 page
background image
Table 21. STM32L552xx pin definitions
Pin Number
Alternate functions
Additional
functions
STM32L552xxxxP
STM32L552xxxxQ
STM32L552xx
-
----
-
1
B3
1
-
--
1
B3
1
PE2
I/O FT
-
TRACECK, TIM3_ETR,
SAI1_CK1,
TSC_G7_IO1,
FMC_A23,
SAI1_MCLK_A,
EVENTOUT
-
-
----
-
2
A2
2
-
--
2
A2
2
PE3
I/O FT
-
TRACED0, TIM3_CH1,
OCTOSPI1_DQS,
TSC_G7_IO2,
FMC_A19,
SAI1_SD_B,
EVENTOUT
-
-
----
-
3
B2
3
-
--
3
B2
3
PE4
I/O FT
-
TRACED1, TIM3_CH2,
SAI1_D2,
DFSDM1_DATIN3,
TSC_G7_IO3,
FMC_A20, SAI1_FS_A,
EVENTOUT
-
-
----
-
4
A1
4
-
--
4
A1
4
PE5
I/O FT
-
TRACED2, TIM3_CH3,
SAI1_CK2,
DFSDM1_CKIN3,
TSC_G7_IO4,
FMC_A21,
SAI1_SCK_A,
EVENTOUT
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More