Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM32L552VCU6PXXX Fiches technique(PDF) 105 Page - STMicroelectronics

No de pièce STM32L552VCU6PXXX
Description  Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU, 165 DMIPS, up to 512 KB Flash memory, 256 KB SRAM, SMPS
PDF  340 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L552VCU6PXXX Fiches technique(HTML) 105 Page - STMicroelectronics

Back Button STM32L552VCU6PXXX Datasheet HTML 101Page - STMicroelectronics STM32L552VCU6PXXX Datasheet HTML 102Page - STMicroelectronics STM32L552VCU6PXXX Datasheet HTML 103Page - STMicroelectronics STM32L552VCU6PXXX Datasheet HTML 104Page - STMicroelectronics STM32L552VCU6PXXX Datasheet HTML 105Page - STMicroelectronics STM32L552VCU6PXXX Datasheet HTML 106Page - STMicroelectronics STM32L552VCU6PXXX Datasheet HTML 107Page - STMicroelectronics STM32L552VCU6PXXX Datasheet HTML 108Page - STMicroelectronics STM32L552VCU6PXXX Datasheet HTML 109Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 105 / 340 page
background image
27
27
35
G1
35
G1
53
K11
75
27
27
35
53
K11
75
PB14
I/O
FT
_fd
-
TIM1_CH2N,
LPTIM3_ETR,
TIM8_CH2N,
I2C2_SDA,
SPI2_MISO,
DFSDM1_DATIN2,
USART3_RTS/USART
3_DE, TSC_G1_IO3,
SAI2_MCLK_A,
TIM15_CH1,
EVENTOUT
UCPD1_DB2
28
28
36
F1
36
F1
54
K12
76
28
28
36
54
K12
76
PB15
I/O
FT
_c
-
RTC_REFIN,
TIM1_CH3N,
TIM8_CH3N,
SPI2_MOSI,
DFSDM1_CKIN2,
SAI2_SD_A,
TIM15_CH2,
EVENTOUT
UCPD1_CC2
-
----
-
55
L12
77
-
-
-
55
L12
77
PD8
I/O FT
-
USART3_TX,
FMC_D13, EVENTOUT
-
-
----
-
56
J10
78
-
-
-
56
J10
78
PD9
I/O FT
-
USART3_RX,
FMC_D14,
SAI2_MCLK_A,
EVENTOUT
-
Table 21. STM32L552xx pin definitions (continued)
Pin Number
Alternate functions
Additional
functions
STM32L552xxxxP
STM32L552xxxxQ
STM32L552xx



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More