Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM32L552VCU6PTR Fiches technique(PDF) 98 Page - STMicroelectronics

No de pièce STM32L552VCU6PTR
Description  Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU, 165 DMIPS, up to 512 KB Flash memory, 256 KB SRAM, SMPS
PDF  340 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L552VCU6PTR Fiches technique(HTML) 98 Page - STMicroelectronics

Back Button STM32L552VCU6PTR Datasheet HTML 94Page - STMicroelectronics STM32L552VCU6PTR Datasheet HTML 95Page - STMicroelectronics STM32L552VCU6PTR Datasheet HTML 96Page - STMicroelectronics STM32L552VCU6PTR Datasheet HTML 97Page - STMicroelectronics STM32L552VCU6PTR Datasheet HTML 98Page - STMicroelectronics STM32L552VCU6PTR Datasheet HTML 99Page - STMicroelectronics STM32L552VCU6PTR Datasheet HTML 100Page - STMicroelectronics STM32L552VCU6PTR Datasheet HTML 101Page - STMicroelectronics STM32L552VCU6PTR Datasheet HTML 102Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 340 page
background image
17
17
23
J7
23
J7
31
K3
42
17
17
23
32
K3
43
PA7
I/O
FT
_fa
-
TIM1_CH1N,
TIM3_CH2,
TIM8_CH1N,
I2C3_SCL,
SPI1_MOSI,
OCTOSPI1_IO2,
TIM17_CH1,
EVENTOUT
OPAMP2_VINM,
ADC12_IN12
-
-
24
G4
-
G4
-
M3
-
-
-
24
33
M3
44
PC4
I/O
FT
_a
-
USART3_TX,
OCTOSPI1_IO7,
EVENTOUT
COMP1_INM,
ADC12_IN13
-
----
--
J3
--
-
25
34
J3
45
PC5
I/O
FT
_a
-
SAI1_D3,
USART3_RX,
EVENTOUT
ADC12_IN14,
WKUP5,
TAMP_IN4/TAMP_
OUT5,
COMP1_INP
18
18
25
J6
24
J6
32
M4
43
18
18
26
35
M4
46
PB0
I/O
TT
_a
-
TIM1_CH2N,
TIM3_CH3,
TIM8_CH2N,
SPI1_NSS,
USART3_CK,
OCTOSPI1_IO1,
COMP1_OUT,
SAI1_EXTCLK,
EVENTOUT
OPAMP2_VOUT,
ADC12_IN15
Table 21. STM32L552xx pin definitions (continued)
Pin Number
Alternate functions
Additional
functions
STM32L552xxxxP
STM32L552xxxxQ
STM32L552xx



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More