Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM32L552VCU6PTR Fiches technique(PDF) 101 Page - STMicroelectronics

No de pièce STM32L552VCU6PTR
Description  Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU, 165 DMIPS, up to 512 KB Flash memory, 256 KB SRAM, SMPS
PDF  340 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L552VCU6PTR Fiches technique(HTML) 101 Page - STMicroelectronics

Back Button STM32L552VCU6PTR Datasheet HTML 97Page - STMicroelectronics STM32L552VCU6PTR Datasheet HTML 98Page - STMicroelectronics STM32L552VCU6PTR Datasheet HTML 99Page - STMicroelectronics STM32L552VCU6PTR Datasheet HTML 100Page - STMicroelectronics STM32L552VCU6PTR Datasheet HTML 101Page - STMicroelectronics STM32L552VCU6PTR Datasheet HTML 102Page - STMicroelectronics STM32L552VCU6PTR Datasheet HTML 103Page - STMicroelectronics STM32L552VCU6PTR Datasheet HTML 104Page - STMicroelectronics STM32L552VCU6PTR Datasheet HTML 105Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 340 page
background image
-
----
---
58
-
---
L10
61
VSS
S
-
-
-
-
-
-
-
H1
-
H1
-
J4
59
-
---
J4
62
VDD
S
-
-
-
-
-
----
-
38
J7
60
-
--
41
J7
63
PE10
I/O FT
-
TIM1_CH2N,
TSC_G5_IO1,
OCTOSPI1_CLK,
FMC_D7,
SAI1_MCLK_B,
EVENTOUT
-
-
----
-
39
L7
61
-
--
42
L7
64
PE11
I/O FT
-
TIM1_CH2,
TSC_G5_IO2,
OCTOSPI1_NCS,
FMC_D8, EVENTOUT
-
-
----
-
40
J8
62
-
--
43
J8
65
PE12
I/O FT
-
TIM1_CH3N,
SPI1_NSS,
TSC_G5_IO3,
OCTOSPI1_IO0,
FMC_D9, EVENTOUT
-
-
-
-
J4
-
-
41
M8
63
-
-
-
44
M8
66
PE13
I/O FT
-
TIM1_CH3, SPI1_SCK,
TSC_G5_IO4,
OCTOSPI1_IO1,
FMC_D10, EVENTOUT
-
Table 21. STM32L552xx pin definitions (continued)
Pin Number
Alternate functions
Additional
functions
STM32L552xxxxP
STM32L552xxxxQ
STM32L552xx



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More