Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM32L552VCU6QTR Fiches technique(PDF) 100 Page - STMicroelectronics

No de pièce STM32L552VCU6QTR
Description  Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU, 165 DMIPS, up to 512 KB Flash memory, 256 KB SRAM, SMPS
PDF  340 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L552VCU6QTR Fiches technique(HTML) 100 Page - STMicroelectronics

Back Button STM32L552VCU6QTR Datasheet HTML 96Page - STMicroelectronics STM32L552VCU6QTR Datasheet HTML 97Page - STMicroelectronics STM32L552VCU6QTR Datasheet HTML 98Page - STMicroelectronics STM32L552VCU6QTR Datasheet HTML 99Page - STMicroelectronics STM32L552VCU6QTR Datasheet HTML 100Page - STMicroelectronics STM32L552VCU6QTR Datasheet HTML 101Page - STMicroelectronics STM32L552VCU6QTR Datasheet HTML 102Page - STMicroelectronics STM32L552VCU6QTR Datasheet HTML 103Page - STMicroelectronics STM32L552VCU6QTR Datasheet HTML 104Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 100 / 340 page
background image
-
----
--
J5
51
-
---
J5
54
PF14
I/O
FT
_f
-
I2C4_SCL,
TSC_G8_IO1,
FMC_A8, EVENTOUT
-
-
----
--
L6
52
-
---
L6
55
PF15
I/O
FT
_f
-
I2C4_SDA,
TSC_G8_IO2,
FMC_A9, EVENTOUT
-
-
----
--
M6
53
-
---
M6
56
PG0
I/O FT
-
TSC_G8_IO3,
FMC_A10, EVENTOUT
-
-
----
--
K6
54
-
---
K6
57
PG1
I/O FT
-
TSC_G8_IO4,
FMC_A11, EVENTOUT
-
-
----
-
35
K7
55
-
--
38
K7
58
PE7
I/O FT
-
TIM1_ETR,
DFSDM1_DATIN2,
FMC_D4, SAI1_SD_B,
EVENTOUT
-
-
----
-
36
J6
56
-
--
39
J6
59
PE8
I/O FT
-
TIM1_CH1N,
DFSDM1_CKIN2,
FMC_D5,
SAI1_SCK_B,
EVENTOUT
-
-
----
-
37
M7
57
-
--
40
M7
60
PE9
I/O FT
-
TIM1_CH1,
DFSDM1_CKOUT,
OCTOSPI1_NCLK,
FMC_D6, SAI1_FS_B,
EVENTOUT
-
Table 21. STM32L552xx pin definitions (continued)
Pin Number
Alternate functions
Additional
functions
STM32L552xxxxP
STM32L552xxxxQ
STM32L552xx



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More