Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM32L552VCU6QTR Fiches technique(PDF) 102 Page - STMicroelectronics

No de pièce STM32L552VCU6QTR
Description  Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU, 165 DMIPS, up to 512 KB Flash memory, 256 KB SRAM, SMPS
PDF  340 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L552VCU6QTR Fiches technique(HTML) 102 Page - STMicroelectronics

Back Button STM32L552VCU6QTR Datasheet HTML 98Page - STMicroelectronics STM32L552VCU6QTR Datasheet HTML 99Page - STMicroelectronics STM32L552VCU6QTR Datasheet HTML 100Page - STMicroelectronics STM32L552VCU6QTR Datasheet HTML 101Page - STMicroelectronics STM32L552VCU6QTR Datasheet HTML 102Page - STMicroelectronics STM32L552VCU6QTR Datasheet HTML 103Page - STMicroelectronics STM32L552VCU6QTR Datasheet HTML 104Page - STMicroelectronics STM32L552VCU6QTR Datasheet HTML 105Page - STMicroelectronics STM32L552VCU6QTR Datasheet HTML 106Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 340 page
background image
-
-
-
H4
-
-
42K864
-
-
-
45
K8
67
PE14
I/O FT
-
TIM1_CH4,
TIM1_BKIN2,
SPI1_MISO,
OCTOSPI1_IO2,
FMC_D11, EVENTOUT
-
-
-
-
H3
-
-
43
L8
65
-
-
-
46
L8
68
PE15
I/O FT
-
TIM1_BKIN,
SPI1_MOSI,
OCTOSPI1_IO3,
FMC_D12, EVENTOUT
-
21
21
28
J3
27
J4
44
K9
66
21
21
29
47
K9
69
PB10
I/O
FT
_f
-
TIM2_CH3,
LPTIM3_OUT,
I2C4_SCL, I2C2_SCL,
SPI2_SCK,
USART3_TX,
LPUART1_RX,
TSC_SYNC,
OCTOSPI1_CLK,
COMP1_OUT,
SAI1_SCK_A,
EVENTOUT
-
Table 21. STM32L552xx pin definitions (continued)
Pin Number
Alternate functions
Additional
functions
STM32L552xxxxP
STM32L552xxxxQ
STM32L552xx



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More