Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM32G031C4 Fiches technique(PDF) 37 Page - STMicroelectronics

No de pièce STM32G031C4
Description  Arm® Cortex®-M0 32-bit MCU, up to 64 KB Flash, 8 KB RAM, 2x USART, timers, ADC, comm. I/Fs, 1.7-3.6V
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32G031C4 Fiches technique(HTML) 37 Page - STMicroelectronics

Back Button STM32G031C4 Datasheet HTML 33Page - STMicroelectronics STM32G031C4 Datasheet HTML 34Page - STMicroelectronics STM32G031C4 Datasheet HTML 35Page - STMicroelectronics STM32G031C4 Datasheet HTML 36Page - STMicroelectronics STM32G031C4 Datasheet HTML 37Page - STMicroelectronics STM32G031C4 Datasheet HTML 38Page - STMicroelectronics STM32G031C4 Datasheet HTML 39Page - STMicroelectronics STM32G031C4 Datasheet HTML 40Page - STMicroelectronics STM32G031C4 Datasheet HTML 41Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 117 page
background image
DS12992 Rev 2
37/117
STM32G031x4/x6/x8
Pinouts, pin description and alternate functions
39
-D4 11 10 11
-
PA4
I/O
FT_a
-
SPI1_NSS/I2S1_WS,
SPI2_MOSI, TIM14_CH1,
LPTIM2_OUT, EVENTOUT
ADC_IN4,
TAMP_IN1, RTC_TS,
RTC_OUT1, WKUP2
-
C3 12 11 12 16
PA5
I/O
FT_ea
-
SPI1_SCK/I2S1_CK,
TIM2_CH1_ETR,
LPTIM2_ETR, EVENTOUT
ADC_IN5
-
E3 13 12 13 17
PA6
I/O
FT_ea
-
SPI1_MISO/I2S1_MCK,
TIM3_CH1, TIM1_BK,
TIM16_CH1, LPUART1_CTS
ADC_IN6
-D2 14 13 14 18
PA7
I/O
FT_a
-
SPI1_MOSI/I2S1_SD,
TIM3_CH2, TIM1_CH1N,
TIM14_CH1, TIM17_CH1
ADC_IN7
5 E1 15 14 15 19
PB0
I/O
FT_ea
-
SPI1_NSS/I2S1_WS,
TIM3_CH3, TIM1_CH2N,
LPTIM1_OUT
ADC_IN8
5 E1 15 15 16 20
PB1
I/O
FT_ea
-
TIM14_CH1, TIM3_CH4,
TIM1_CH3N, LPTIM2_IN1,
LPUART1_RTS_DE,
EVENTOUT
ADC_IN9
-
E1 15
-
17 21
PB2
I/O
FT_ea
-
SPI2_MISO, LPTIM1_OUT,
EVENTOUT
ADC_IN10
--
-
-
-
22
PB10
I/O
FT_fa
-
LPUART1_RX, TIM2_CH3,
SPI2_SCK, I2C2_SCL
ADC_IN11
--
-
-
-
23
PB11
I/O
FT_fa
-
SPI2_MOSI, LPUART1_TX,
TIM2_CH4, I2C2_SDA
ADC_IN15
--
-
-
-
24
PB12
I/O
FT_a
-
SPI2_NSS,
LPUART1_RTS_DE, TIM1_BK,
EVENTOUT
ADC_IN16
--
-
-
-
25
PB13
I/O
FT_f
-
SPI2_SCK, LPUART1_CTS,
TIM1_CH1N, I2C2_SCL,
EVENTOUT
-
--
-
-
-
26
PB14
I/O
FT_f
-
SPI2_MISO, TIM1_CH2N,
I2C2_SDA, EVENTOUT
-
--
-
-
-
27
PB15
I/O
FT
-
SPI2_MOSI, TIM1_CH3N,
EVENTOUT
RTC_REFIN
5E1 15 16 18 28
PA8
I/O
FT
-
MCO, SPI2_NSS, TIM1_CH1,
LPTIM2_OUT, EVENTOUT
-
Table 12. Pin assignment and description (continued)
Pin
Pin name
(function
upon reset)
Alternate
functions
Additional
functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More