Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM32G031C4 Fiches technique(PDF) 33 Page - STMicroelectronics

No de pièce STM32G031C4
Description  Arm® Cortex®-M0 32-bit MCU, up to 64 KB Flash, 8 KB RAM, 2x USART, timers, ADC, comm. I/Fs, 1.7-3.6V
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32G031C4 Fiches technique(HTML) 33 Page - STMicroelectronics

Back Button STM32G031C4 Datasheet HTML 29Page - STMicroelectronics STM32G031C4 Datasheet HTML 30Page - STMicroelectronics STM32G031C4 Datasheet HTML 31Page - STMicroelectronics STM32G031C4 Datasheet HTML 32Page - STMicroelectronics STM32G031C4 Datasheet HTML 33Page - STMicroelectronics STM32G031C4 Datasheet HTML 34Page - STMicroelectronics STM32G031C4 Datasheet HTML 35Page - STMicroelectronics STM32G031C4 Datasheet HTML 36Page - STMicroelectronics STM32G031C4 Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 117 page
background image
DS12992 Rev 2
33/117
STM32G031x4/x6/x8
Pinouts, pin description and alternate functions
39
Figure 5. STM32G031KxT LQFP32 pinout
Figure 6. STM32G031KxU UFQFPN32 pinout
MSv39712V3
PB9
PC14-OSC32_IN
PC15-OSC32_OUT
VDD/VDDA
VSS/VSSA
PF2-NRST
PA0
PA1
PA13
PA12 [PA10]
PA11 [PA9]
PA10
PC6
PA9
PA8
PB2
Top view
LQFP32
1
2
3
4
5
6
7
8
24
23
22
21
20
19
18
17
MSv39715V3
PB9
PC14-OSC32_IN
PC15-OSC32_OUT
VDD/VDDA
VSS/VSSA
PF2-NRST
PA0
PA1
PA13
PA12 [PA10]
PA11 [PA9]
PA10
PC6
PA9
PA8
PB2
Top view
UFQFPN32
1
2
3
4
5
6
7
8
24
23
22
21
20
19
18
17
VSS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More