Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM32G031C4 Fiches technique(PDF) 112 Page - STMicroelectronics

No de pièce STM32G031C4
Description  Arm® Cortex®-M0 32-bit MCU, up to 64 KB Flash, 8 KB RAM, 2x USART, timers, ADC, comm. I/Fs, 1.7-3.6V
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32G031C4 Fiches technique(HTML) 112 Page - STMicroelectronics

Back Button STM32G031C4 Datasheet HTML 108Page - STMicroelectronics STM32G031C4 Datasheet HTML 109Page - STMicroelectronics STM32G031C4 Datasheet HTML 110Page - STMicroelectronics STM32G031C4 Datasheet HTML 111Page - STMicroelectronics STM32G031C4 Datasheet HTML 112Page - STMicroelectronics STM32G031C4 Datasheet HTML 113Page - STMicroelectronics STM32G031C4 Datasheet HTML 114Page - STMicroelectronics STM32G031C4 Datasheet HTML 115Page - STMicroelectronics STM32G031C4 Datasheet HTML 116Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 112 / 117 page
background image
Package information
STM32G031x4/x6/x8
112/117
DS12992 Rev 2
Figure 54. SO8N package recommended footprint
1. Dimensions are expressed in millimeters.
Device marking
The following figure gives an example of topside marking orientation versus pin 1 identifier
location.
The printed markings may differ depending on the supply chain.
Other optional marking or inset/upset marks that identify the parts throughout supply chain
operations, are not indicated below.
Figure 55. SO8N package marking example
1. Parts marked as ES or E or accompanied by an Engineering Sample notification letter are not yet qualified
and therefore not approved for use in production. ST is not responsible for any consequences resulting
from such use. In no event will ST be liable for the customer using any of these engineering samples in
production. ST's Quality department must be contacted prior to any decision to use these engineering
samples to run a qualification activity.
O7_FP_V1
1.27
0.6 (x8)
MSv63113V2
Pin 1
indentifier
Revision code
Date code
Product
identification
(1)
32G031J6
Y WW
R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More