Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM32G031C4 Fiches technique(PDF) 101 Page - STMicroelectronics

No de pièce STM32G031C4
Description  Arm® Cortex®-M0 32-bit MCU, up to 64 KB Flash, 8 KB RAM, 2x USART, timers, ADC, comm. I/Fs, 1.7-3.6V
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32G031C4 Fiches technique(HTML) 101 Page - STMicroelectronics

Back Button STM32G031C4 Datasheet HTML 97Page - STMicroelectronics STM32G031C4 Datasheet HTML 98Page - STMicroelectronics STM32G031C4 Datasheet HTML 99Page - STMicroelectronics STM32G031C4 Datasheet HTML 100Page - STMicroelectronics STM32G031C4 Datasheet HTML 101Page - STMicroelectronics STM32G031C4 Datasheet HTML 102Page - STMicroelectronics STM32G031C4 Datasheet HTML 103Page - STMicroelectronics STM32G031C4 Datasheet HTML 104Page - STMicroelectronics STM32G031C4 Datasheet HTML 105Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 117 page
background image
DS12992 Rev 2
101/117
STM32G031x4/x6/x8
Package information
112
Device marking
The following figure gives an example of topside marking orientation versus pin 1 identifier
location.
The printed markings may differ depending on the supply chain.
Other optional marking or inset/upset marks, which identify the parts throughout supply
chain operations, are not indicated below.
Figure 40. LQFP32 package marking example
1. Parts marked as ES or E or accompanied by an Engineering Sample notification letter are not yet qualified
and therefore not approved for use in production. ST is not responsible for any consequences resulting
from such use. In no event will ST be liable for the customer using any of these engineering samples in
production. ST's Quality department must be contacted prior to any decision to use these engineering
samples to run a qualification activity.
MSv47947V2
STM32G
031K8T6
R
Product identification
(1)
Revision code
Pin 1 identifier
YWW
Date code



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More