Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM8S003K3 Fiches technique(PDF) 44 Page - STMicroelectronics

No de pièce STM8S003K3
Description  Value line, 16-MHz STM8S 8-bit MCU, 8-Kbyte Flash memory, 128-byte data EEPROM, 10-bit ADC, 3 timers, UART, SPI, I²C
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8S003K3 Fiches technique(HTML) 44 Page - STMicroelectronics

Back Button STM8S003K3 Datasheet HTML 40Page - STMicroelectronics STM8S003K3 Datasheet HTML 41Page - STMicroelectronics STM8S003K3 Datasheet HTML 42Page - STMicroelectronics STM8S003K3 Datasheet HTML 43Page - STMicroelectronics STM8S003K3 Datasheet HTML 44Page - STMicroelectronics STM8S003K3 Datasheet HTML 45Page - STMicroelectronics STM8S003K3 Datasheet HTML 46Page - STMicroelectronics STM8S003K3 Datasheet HTML 47Page - STMicroelectronics STM8S003K3 Datasheet HTML 48Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 103 page
background image
Option bytes
STM8S003F3 STM8S003K3
44/103
DS7147 Rev 10
8.1
Alternate function remapping bits
Table 14. STM8S003K3 alternate function remapping bits for 32-pin devices
Option byte number
Description(1)
1. Do not use more than one remapping option in the same port. It is forbidden to enable both AFR1 and
AFR0
OPT2
AFR7Alternate function remapping option 7
Reserved.
AFR6 Alternate function remapping option 6
0: AFR6 remapping option inactive: default alternate function(2)
1: Port D7 alternate function = TIM1_CH4.
AFR5 Alternate function remapping option 5
0: AFR5 remapping option inactive: default alternate function(2)
1: Port D0 alternate function = CLK_CCO.
AFR[4:2] Alternate function remapping option 4:2
Reserved.
AFR1 Alternate function remapping option 1
0: AFR1 remapping option inactive: default alternate function(2)
1: Port A3 alternate function = SPI_NSS; port D2 alternate function
TIM2_CH3
AFR0 Alternate function remapping option 0
Reserved.
2. Refer to the pinout description.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More