| Moteur de recherche de fiches techniques de composants électroniques |
|
BLUENRG-355VT Fiches technique(PDF) 22 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
BLUENRG-355VT Fiches technique(HTML) 22 Page - STMicroelectronics |
|
22 / 72 page ![]() 2 Pinouts and pin description The BlueNRG-LP comes in three package versions: QFN48 offering 32 GPIOs, WCSP49 offering 30 GPIOs and QFN32 offering 20 GPIOs. Figure 7. Pinout top view (QFN48 package) PB4 PB5 PB6 PB7 PB8 PB9 PB10 PB11 VDDA VDD1 RSTN VDD3 48 47 46 45 44 43 42 41 40 39 38 37 PB3 1 36 VDDSD PB2 2 35 VLXSD PB1 3 34 VSS PB0 4 33 NC PA15 5 32 VFBSD PA14 6 31 VCAP PA13 7 30 PB12/XTAL0 PA12 8 29 PB13/XTAL1 PA11 9 28 PB14 PA10 10 27 PB15 PA9 11 26 VDD4 PA8 12 25 OSCIN 13 14 15 16 17 18 19 20 21 22 23 24 PA0 PA1 PA2 PA3 PA4 PA5 PA6 PA7 VDD2 GND pad BlueNRG-LP Pinouts and pin description DS13282 - Rev 2 page 22/72 |