Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BLUENRG-355VT Fiches technique(PDF) 5 Page - STMicroelectronics

No de pièce BLUENRG-355VT
Description  Programmable Bluetooth® Low Energy wireless SoC
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BLUENRG-355VT Fiches technique(HTML) 5 Page - STMicroelectronics

  BLUENRG-355VT Datasheet HTML 1Page - STMicroelectronics BLUENRG-355VT Datasheet HTML 2Page - STMicroelectronics BLUENRG-355VT Datasheet HTML 3Page - STMicroelectronics BLUENRG-355VT Datasheet HTML 4Page - STMicroelectronics BLUENRG-355VT Datasheet HTML 5Page - STMicroelectronics BLUENRG-355VT Datasheet HTML 6Page - STMicroelectronics BLUENRG-355VT Datasheet HTML 7Page - STMicroelectronics BLUENRG-355VT Datasheet HTML 8Page - STMicroelectronics BLUENRG-355VT Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 72 page
background image
1
Functional overview
1.1
System architecture
The main system consists of 32-bit multilayer AHB bus matrix that interconnects:
•
Three masters:
–
CPU (Cortex®-M0+) core S-bus
–
DMA1
–
Radio system
•
Nine slaves:
–
Internal Flash memory on CPU (Cortex®-M0+) S bus
–
Internal SRAM0 (16 kB)
–
Internal SRAM1 (16 kB)
–
Internal SRAM2 (16 kB)
–
Internal SRAM3 (16 kB)
–
APB0 peripherals (through an AHB to APB bridge)
–
APB1 peripherals (through an AHB to APB bridge)
–
AHB0 peripherals
–
AHBRF including AHB to APB bridge and radio peripherals (connected to APB2)
The bus matrix provides access from a master to a slave, enabling concurrent access and efficient operation even
when several high-speed peripherals work simultaneously.
BlueNRG-LP
Functional overview
DS13282 - Rev 2
page 5/72



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72