| Moteur de recherche de fiches techniques de composants électroniques |
|
R5F5651CDDFM Fiches technique(PDF) 48 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
R5F5651CDDFM Fiches technique(HTML) 48 Page - Renesas Technology Corp |
|
48 / 246 page ![]() RX65N Group, RX651 Group 1. Overview R01DS0276EJ0230 Rev.2.30 Page 48 of 246 Jun 20, 2019 P3 P87 MTIOC4C/ TIOCA2 SMOSI10/ SSDA10/TXD10 SDHI_D2-C/PIXD2 P4 P14 MTIOC3A/ MTCLKA/ TIOCB5/ TCLKA/TMRI2/ PO15 CTS1#/RTS1#/ SS1#/CTX1/ USB0_OVRCUR A LCD_CL K-A IRQ4 P5 VCC_USB P6 VSS_USB P7 P57 RXD7/SMISO7/ SSCL7/SSLC0-B LCD_DA TA3-A P8 P10 ALE MTIC5W/ TMRI3 IRQ0 P9 P52 RD# RXD2/SMISO2/ SSCL2/SSLB3-A P10 P83 EDACK1 MTIOC4C ET0_CRS/ RMII0_CRS_DV/ SCK10/SS10#/ CTS10# LCD_DA TA8-A P11 PC6 D2[A2/D2]/ A22/CS1# MTIOC3C/ MTCLKA/ TMCI2/PO30/ TIC0 ET0_ETXD3/ RXD8/SMISO8/ SSCL8/ SMISO10/ SSCL10/RXD10/ MOSIA-A MMC_D6-A LCD_DA TA10-A IRQ13 P12 PC4 A20/CS3# MTIOC3D/ MTCLKC/ TMCI1/PO25/ POE0# ET0_TX_CLK/ SCK5/CTS8#/ RTS8#/SS8#/ SS10#/CTS10#/ RTS10#/SSLA0- A QMI-A/QIO1-A/ SDHI_D1-A/ SDSI_D1-A/ MMC_D1-A LCD_DA TA15-A P13 PC2 A18 MTIOC4B/ TCLKA/PO21 ET0_RX_DV/ RXD5/SMISO5/ SSCL5/SSLA3-A SDHI_D3-A/ SDSI_D3-A/ MMC_CD-A LCD_DA TA19-A P14 P75 CS5# PO20 ET0_ERXD0/ RMII0_RXD0/ SCK11/RTS11# SDHI_D2-A/ SDSI_D2-A/ MMC_RES#-A LCD_DA TA20-A P15 VCC R1 P21 MTIOC1B/ MTIOC4A/ TIOCA3/ TMCI0/PO1 RXD0/SMISO0/ SSCL0/SCL1/ USB0_EXICEN SDHI_CLK-C/ PIXD5 IRQ9 R2 P20 MTIOC1A/ TIOCB3/ TMRI0/PO0 TXD0/SMOSI0/ SSDA0/SDA1/ USB0_ID SDHI_CMD-C/ PIXD4 IRQ8 R3 P16 MTIOC3C/ MTIOC3D/ TIOCB1/ TCLKC/TMO2/ PO14/RTCOUT TXD1/SMOSI1/ SSDA1/RXD3/ SMISO3/SSCL3/ SCL2-DS/ USB0_VBUSEN/ USB0_VBUS/ USB0_OVRCUR B IRQ6 ADTRG0 # R4 P13 WR2#/BC2# MTIOC0B/ TIOCA5/TMO3/ PO13 TXD2/SMOSI2/ SSDA2/ SDA0[FM+] LCD_TC ON0-A IRQ3 ADTRG1 # R5 USB0_DM R6 USB0_DP R7 P56 EDACK1 MTIOC3C/ TIOCA1 SCK7/RSPCKC- B LCD_DA TA4-A R8 P11 MTIC5V/TMCI3 SCK2 LCD_DA TA7-A IRQ1 Table 1.5 List of Pin and Pin Functions (177-Pin TFLGA, 176-Pin LFBGA) (7/8) Pin Number Power Supply Clock System Control I/O Port Bus EXDMAC SDRAMC Timer Communication Memory Interface Camera Interface GLCDC Interrupt A/D D/A 177-Pin TFLGA 176-Pin LFBGA (MTU, TPU, TMR, PPG, RTC, CMTW, POE, CAC) (ETHERC, SCI, RSPI, RIIC, CAN, USB) (QSPI, SDHI, SDSI, MMCIF, PDC) |