| Moteur de recherche de fiches techniques de composants électroniques |
|
R5F5651CDDFM Fiches technique(PDF) 47 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
R5F5651CDDFM Fiches technique(HTML) 47 Page - Renesas Technology Corp |
|
47 / 246 page ![]() RX65N Group, RX651 Group 1. Overview R01DS0276EJ0230 Rev.2.30 Page 47 of 246 Jun 20, 2019 M14 PB5 A13 MTIOC2A/ MTIOC1B/ TIOCB4/ TMRI1/PO29/ POE4# ET0_ETXD0/ RMII0_TXD0/ SCK9/SCK11 SDSI_CLK-B LCD_CL K-B M15 PB4 A12 TIOCA4/PO28 ET0_TX_EN/ RMII0_TXD_EN/ CTS9#/RTS9#/ SS9#/SS11#/ CTS11#/RTS11# SDSI_CMD-B LCD_TC ON0-B N1 VCC N2 P23 EDACK0 MTIOC3D/ MTCLKD/ TIOCD3/PO3 TXD3/SMOSI3/ SSDA3/CTS0#/ RTS0#/SS0# SDHI_D1-C/PIXD7 N3 P22 EDREQ0 MTIOC3B/ MTCLKC/ TIOCC3/ TMO0/PO2 SCK0/ USB0_OVRCUR B SDHI_D0-C/PIXD6 N4 P15 MTIOC0B/ MTCLKB/ TIOCB2/ TCLKB/TMCI2/ PO13 RXD1/SMISO1/ SSCL1/SCK3/ CRX1-DS PIXD0 IRQ5 N5 P12 WR3#/BC3# MTIC5U/ TMCI1 RXD2/SMISO2/ SSCL2/ SCL0[FM+] LCD_TC ON1-A IRQ2 N6 PJ0 MTIOC6B SCK8/SSLC1-B LCD_DA TA0-A N7 P84 MTIOC6D LCD_DA TA2-A N8 P54 D1[A1/D1]/ EDACK0/ ALE MTIOC4B/ TMCI1 ET0_LINKSTA/ CTS2#/RTS2#/ SS2#/MOSIC-B/ CTX1 LCD_DA TA6-A N9 P51 WR1#/ BC1#/ WAIT# SCK2/SSLB2-A N10 UB PC7 A23/CS0# MTIOC3A/ MTCLKB/ TMO2/PO31/ TOC0/ CACREF ET0_COL/TXD8/ SMOSI8/SSDA8/ SMOSI10/ SSDA10/TXD10/ MISOA-A MMC_D7-A LCD_DA TA9-A IRQ14 N11 P82 EDREQ1 MTIOC4A/ PO28 ET0_ETXD1/ RMII0_TXD1/ SMOSI10/ SSDA10/TXD10 MMC_D4-A LCD_DA TA12-A N12 PC3 A19 MTIOC4D/ TCLKB/PO24 ET0_TX_ER/ TXD5/SMOSI5/ SSDA5 QMO-A/QIO0-A/ SDHI_D0-A/ SDSI_D0-A/ MMC_D0-A LCD_DA TA16-A N13 PC0 A16 MTIOC3C/ TCLKC/PO17 ET0_ERXD3/ CTS5#/RTS5#/ SS5#/SSLA1-A IRQ14 N14 P73 CS3# PO16 ET0_WOL LCD_EX TCLK-A N15 VSS P1 VSS P2 P17 MTIOC3A/ MTIOC3B/ MTIOC4B/ TIOCB0/ TCLKD/TMO1/ PO15/POE8# SCK1/TXD3/ SMOSI3/SSDA3/ SDA2-DS SDHI_D3-C/PIXD3 IRQ7 ADTRG1 # Table 1.5 List of Pin and Pin Functions (177-Pin TFLGA, 176-Pin LFBGA) (6/8) Pin Number Power Supply Clock System Control I/O Port Bus EXDMAC SDRAMC Timer Communication Memory Interface Camera Interface GLCDC Interrupt A/D D/A 177-Pin TFLGA 176-Pin LFBGA (MTU, TPU, TMR, PPG, RTC, CMTW, POE, CAC) (ETHERC, SCI, RSPI, RIIC, CAN, USB) (QSPI, SDHI, SDSI, MMCIF, PDC) |