Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SM2964 Fiches technique(PDF) 9 Page - List of Unclassifed Manufacturers

No de pièce SM2964
Description  8-Bit Micro-controller
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC1 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC1 - List of Unclassifed Manufacturers

SM2964 Fiches technique(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button SM2964 Datasheet HTML 5Page - List of Unclassifed Manufacturers SM2964 Datasheet HTML 6Page - List of Unclassifed Manufacturers SM2964 Datasheet HTML 7Page - List of Unclassifed Manufacturers SM2964 Datasheet HTML 8Page - List of Unclassifed Manufacturers SM2964 Datasheet HTML 9Page - List of Unclassifed Manufacturers SM2964 Datasheet HTML 10Page - List of Unclassifed Manufacturers SM2964 Datasheet HTML 11Page - List of Unclassifed Manufacturers SM2964 Datasheet HTML 12Page - List of Unclassifed Manufacturers SM2964 Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
December 1998
Specifications subject to change without notice,contact your sales representatives for the most recent information.
9/15
Ver1.0
PID 2964 08/00
SyncMOS Technologies Inc.
SM2964
I/O Ports Timing
T6
T7
T8
T9
T10
T11
T12
T1
T2
T3
T4
T5
T6
T7
T8
inputs P0,P1
sampled
sampled
inputs P2,P3
Output by
Mov Px,Src
RxD at Serial Port
Shift Clock
(Mode 0)
current data
next data
sampled
X1
Timing Critical, Requirement of External Clock (Vss=0.0V is assumed)
Vdd-0.5V
0.45V
70%Vdd
20%Vdd-0.1V
TCHCL
TCLCL
TCHCX
TCLCH
TCLCX
Tm.I
External Program Memory Read Cycle
#PSEN
ALE
PORT 0
PORT 2
TPLPH
TLHLL
TLLPL
TAVLL
TLLAX
TPXIX
TPXIZ
TAVIV
TPLAZ
TPLIV
A0 - A7
Instruction. IN
A0 - A7
A8 - A15
A8 - A15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com