Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SM2964 Fiches technique(PDF) 4 Page - List of Unclassifed Manufacturers

No de pièce SM2964
Description  8-Bit Micro-controller
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC1 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC1 - List of Unclassifed Manufacturers

SM2964 Fiches technique(HTML) 4 Page - List of Unclassifed Manufacturers

  SM2964 Datasheet HTML 1Page - List of Unclassifed Manufacturers SM2964 Datasheet HTML 2Page - List of Unclassifed Manufacturers SM2964 Datasheet HTML 3Page - List of Unclassifed Manufacturers SM2964 Datasheet HTML 4Page - List of Unclassifed Manufacturers SM2964 Datasheet HTML 5Page - List of Unclassifed Manufacturers SM2964 Datasheet HTML 6Page - List of Unclassifed Manufacturers SM2964 Datasheet HTML 7Page - List of Unclassifed Manufacturers SM2964 Datasheet HTML 8Page - List of Unclassifed Manufacturers SM2964 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
December 1998
Specifications subject to change without notice,contact your sales representatives for the most recent information.
4/15
Ver1.0
PID 2964 08/00
SyncMOS Technologies Inc.
SM2964
Pin Descriptions
40L
PDIP
Pin#
44L
LQFP
Pin#
44L
PQFP
Pin#
44L
PLCC
Pin#
Symbol
Active I/O
Names
1
40
40
2
T2/P1.0/FD0
i/o
bit 0 of port 1 & timer 2 & bit 0 of flash block address
2
41
41
3
T2EX/P1.1/FD1
i/o
bit 1 of port 1 & timer control & bit 1 of flash block address
3
42
42
4
P1.2/FD2
i/o
bit 2 of port 1 & bit 2 of flash/ext. memory address
4
43
43
5
P1.3/FD3
i/o
bit 3 of port 1 & bit 3 of flash/ext. memory address
5
44
44
6
P1.4/FD4
i/o
bit 4 of port 1 & bit 4 of flash/ext. memory address
6
1
1
7
P1.5/FD5
i/o
bit 5 of port 1 & bit 5 of flash/ext. memory address
7
2
2
8
P1.6/FD6
i/o
bit 6 of port 1 & bit 6 of flash/ext. memory address
8
3
3
9
P1.7/FD7
i/o
bit 7 of port 1 & bit 7 of flash/ext. memory address
9
4
4
10
RES
H
i
Reset
10
5
5
11
RXD/P3.0
i/o
bit 0 of port 3 & Receive data & flash block enable
11
7
7
13
TXD/P3.1
i/o
bit 1 of port 3 & Transmit data
12
8
8
14
#INT0/P3.2
L/ -
i/o
bit 2 of port 3 & low true interrupt 0
13
9
9
15
#INT1/P3.3
L/ -
i/o
bit 3 of port 3 & low true interrupt 1
14
10
10
16
T0/P3.4
i/o
bit 4 of port 3 & Timer 0
15
11
11
17
T1/P3.5
i/o
bit 5 of port 3 & Timer 1
16
12
12
18
#WR/P3.6
L/ -
i/o
bit 6 of port 3 & o/p enable to flash block (low enable)
17
13
13
19
#RD/P3.7/#FWE
L/ - /L
i/o
bit 7 of port 3 & write enable to flash block (low enable)
18
14
14
20
XTAL2
o
Crystal out
19
15
15
21
XTAL1
i
Crystal in
20
16
16
22
VSS
Sink Voltage, Ground
21
18
18
24
P2.0/FA8
i/o
bit 0 of port 2 & bit 8 of flash block address
22
19
19
25
P2.1/FA9
i/o
bit 1 of port 2 & bit 9 of flash block address
23
20
20
26
P2.2/FA10
i/o
bit 2 of port 2 & bit 10 of flash block address
24
21
21
27
P2.3/FA11
i/o
bit 3 of port 2 & bit 11 of flash block address
25
22
22
28
P2.4/FA12
i/o
bit 4 of port 2 & bit 12 of flash block address
26
23
23
29
P2.5/FA13
i/o
bit 5 of port 2 & bit 13 of flash block address
27
24
24
30
P2.6/FA14
i/o
bit 6 of port 2 & bit 14 of flash block address
28
25
25
31
P2.7/FA15
L/L
i/o
bit 7 of port 2 & bit 15 of flash block address
29
26
26
32
#PSEN/#FOE
- /L
o/i
program storage enable
30
27
27
33
ALE/#FCE
L
o/i
address latch enable
31
29
29
35
#EA
i
external access
32
30
30
36
P0.7/FA7
i/o
bit 7 of port 0 & data bit 7 of flash block
33
31
31
37
P0.6/FA6
i/o
bit 6 of port 0 & data bit 6 of flash block
34
32
32
38
P0.5/FA5
i/o
bit 5 of port 0 & data bit 5 of flash block
35
33
33
39
P0.4/FA4
i/o
bit 4 of port 0 & data bit 4 of flash block
36
34
34
40
P0.3/FA3
i/o
bit 3 of port 0 & data bit 3 of flash block
37
35
35
41
P0.2/FA2
i/o
bit 2 of port 0 & data bit 2 of flash block
38
36
36
42
P0.1/FA1
i/o
bit 1 of port 0 & data bit 1 of flash block
39
37
37
43
P0.0/FA0
i/o
bit 0 of port 0 & data bit 0 of flash block
40
38
38
44
VDD
Drive Voltage, +5 Vcc



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com