Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ADD8702ACP-R2 Fiches technique(PDF) 2 Page - Analog Devices

No de pièce ADD8702ACP-R2
Description  12-Channel Gamma Buffers with Vcom Buffer
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

ADD8702ACP-R2 Fiches technique(HTML) 2 Page - Analog Devices

  ADD8702ACP-R2 Datasheet HTML 1Page - Analog Devices ADD8702ACP-R2 Datasheet HTML 2Page - Analog Devices ADD8702ACP-R2 Datasheet HTML 3Page - Analog Devices ADD8702ACP-R2 Datasheet HTML 4Page - Analog Devices ADD8702ACP-R2 Datasheet HTML 5Page - Analog Devices ADD8702ACP-R2 Datasheet HTML 6Page - Analog Devices ADD8702ACP-R2 Datasheet HTML 7Page - Analog Devices ADD8702ACP-R2 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
REV. 0
–2–
ADD8702–SPECIFICATIONS
ELECTRICAL CHARACTERISTICS
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
OUTPUT ACCURACY
VSYSTEM ERROR
VSY ERROR
10
50
mV
MASK PROGRAMMABLE
RESISTOR STRING
Total Resistor String
RTOTAL
500 Elements VLOW to VHIGH
22.5
k
Ω
Resistor Matching
RMATCH
Any Two Segments
1
%
OUTPUT CHARACTERISTICS
Output Voltage High
VOUT
IL = 100
µA
15.995
V
(VGMA11, VGMA12)
IL = 5 mA
15.85
15.95
V
–40
°C ≤ T
A
≤ +85°C
15.75
V
Output Voltage Mid
VOUT
IL = 5 mA
14.6
V
(VGMA3 to VGMA10)
Output Voltage Low
VOUT
IL = 100
µA5
mV
(VGMA1, VGMA2)
IL = 5 mA
50
150
mV
–40
°C ≤ TA ≤ +85°C
250
mV
Continuous Output Current
IOUT
10
mA
Peak Output Current
IPK
150
mA
Settling Time—Voltage
tS
1 V Step 0.1%, RL = 10 k
Ω, CL = 200 pF
1
µs
VCOM CHARACTERISTICS
Continuous Output Current
IOUT
35
mA
Peak Output Current
IPK
250
mA
Settling Time—Voltage
tS
1 V Step 0.1%, RL = 10 k
Ω, C
L = 200 pF
0.8
µs
SUPPLY CHARACTERISTICS
Supply Voltage
VDD
716
V
Power Supply Rejection Ratio
PSRR
VS = 6 V to 17 V, –40
°C ≤ T
A
≤ +85°C68
75
dB
SUPPLY CURRENT
ISYS
No Load
11
15
mA
–40
°C ≤ T
A
≤ +85°C16
mA
Specifications subject to change without notice.
(VDD = 16 V, TA = 25 C, unless otherwise specified.)



Html Pages

1 2 3 4 5 6 7 8