| Moteur de recherche de fiches techniques de composants électroniques |
|
ADD8702ACP-R2 Fiches technique(PDF) 5 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADD8702ACP-R2 Fiches technique(HTML) 5 Page - Analog Devices |
|
5 / 8 page ![]() REV. 0 ADD8702 –5– TEMPERATURE ( C) 16 14 0 –40 85 25 8 6 2 4 12 10 VDD = 16V RNULL = 33 CL = 100pF VCOM SLEW RATE RISING VCOM SLEW RATE FALLING TPC 11. Slew Rate vs. Temperature TIME (ns) 11 3 0 –200 1,800 200 600 1,000 1,400 10 4 2 1 6 5 8 7 9 VDD = 16V GAMMA = 11 1 F 10 F 120pF 320pF 520pF TPC 14. Transient Load Response vs. Capacitive Load LOAD CURRENT (mA) 0.001 0.01 100 0.1 1 10 1,400 1,200 0 1,000 800 600 400 200 VDD = 16V GAMMA 10 TO 12 SINK SOURCE TPC 17. Output Voltage Error vs. Load Current 7V < V DD < 16V RNULL = 33 CL = 0.1 F TIME (20 s/DIV) TPC 12. Small Signal Transient Response TIME (ns) 11 3 0 –200 1,800 200 600 1,000 1,400 10 4 2 1 6 5 8 7 9 VDD = 16V VCOM 1 F10 F 320pF 120pF 520pF TPC 15. Transient Load Response vs. Capacitive Load LOAD CURRENT (mA) 0.001 0.01 100 0.1 1 10 50 45 0 35 25 15 5 VDD = 16V VCOM SINK SOURCE 10 20 40 30 TPC 18. Output Voltage Error vs. Load Current TIME (2 s/DIV) VDD = 16V RL = 10k CL = 100pF TPC 10. Large Signal Transient Response TIME (ns) 11 3 0 –200 1,800 200 600 1,000 1,400 10 4 2 1 6 5 8 7 9 VDD = 16V GAMMA = 2 1 F 10 F 120pF 320pF 520pF TPC 13. Transient Load Response vs. Capacitive Load LOAD CURRENT (mA) 0.001 0.01 100 0.1 1 10 100 90 0 80 70 60 50 40 30 20 10 VDD = 16V GAMMA 1 TO 9 SINK SOURCE TPC 16. Output Voltage Error vs. Load Current |