Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TL431BCDM Fiches technique(PDF) 17 Page - ON Semiconductor

No de pièce TL431BCDM
Description  PROGRAMMABLE PRECISION REFERENCES
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

TL431BCDM Fiches technique(HTML) 17 Page - ON Semiconductor

Back Button TL431BCDM Datasheet HTML 10Page - ON Semiconductor TL431BCDM Datasheet HTML 11Page - ON Semiconductor TL431BCDM Datasheet HTML 12Page - ON Semiconductor TL431BCDM Datasheet HTML 13Page - ON Semiconductor TL431BCDM Datasheet HTML 14Page - ON Semiconductor TL431BCDM Datasheet HTML 15Page - ON Semiconductor TL431BCDM Datasheet HTML 16Page - ON Semiconductor TL431BCDM Datasheet HTML 17Page - ON Semiconductor TL431BCDM Datasheet HTML 18Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 17 / 18 page
background image
TL431, A, B Series, NCV431A, B
http://onsemi.com
17
PACKAGE DIMENSIONS
Micro8
DM SUFFIX
CASE 846A−02
ISSUE G
8X
8X
6X
mm
inches
SCALE 8:1
1.04
0.041
0.38
0.015
5.28
0.208
4.24
0.167
3.20
0.126
0.65
0.0256
*For additional information on our Pb−Free strategy and soldering
details, please download the ON Semiconductor Soldering and
Mounting Techniques Reference Manual, SOLDERRM/D.
SOLDERING FOOTPRINT*
S
B
M
0.08 (0.003)
A S
T
NOTES:
1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982.
2. CONTROLLING DIMENSION: MILLIMETER.
3. DIMENSION A DOES NOT INCLUDE MOLD FLASH, PROTRUSIONS OR GATE
BURRS. MOLD FLASH, PROTRUSIONS OR GATE BURRS SHALL NOT EXCEED
0.15 (0.006) PER SIDE.
4. DIMENSION B DOES NOT INCLUDE INTERLEAD FLASH OR PROTRUSION.
INTERLEAD FLASH OR PROTRUSION SHALL NOT EXCEED 0.25 (0.010) PER SIDE.
5. 846A-01 OBSOLETE, NEW STANDARD 846A-02.
b
e
PIN 1 ID
8 PL
0.038 (0.0015)
−T−
SEATING
PLANE
A
A1
c
L
DIM
A
MIN
NOM
MAX
MIN
MILLIMETERS
−−
−−
1.10
−−
INCHES
A1
0.05
0.08
0.15
0.002
b
0.25
0.33
0.40
0.010
c
0.13
0.18
0.23
0.005
D
2.90
3.00
3.10
0.114
E
2.90
3.00
3.10
0.114
e
0.65 BSC
L
0.40
0.55
0.70
0.016
−−
0.043
0.003
0.006
0.013
0.016
0.007
0.009
0.118
0.122
0.118
0.122
0.026 BSC
0.021
0.028
NOM
MAX
4.75
4.90
5.05
0.187
0.193
0.199
HE
HE
D
D
E



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com