| Moteur de recherche de fiches techniques de composants électroniques |
|
TL431BCDM Fiches technique(PDF) 16 Page - ON Semiconductor |
|
|
|||||||||||||||||||||||||||||
TL431BCDM Fiches technique(HTML) 16 Page - ON Semiconductor |
|
16 / 18 page ![]() TL431, A, B Series, NCV431A, B http://onsemi.com 16 PACKAGE DIMENSIONS PDIP−8 P SUFFIX CASE 626−05 ISSUE M 14 5 8 F NOTE 5 D e b L A1 A E3 E A TOP VIEW C SEATING PLANE 0.010 CA SIDE VIEW END VIEW END VIEW NOTE 3 DIM MIN NOM MAX INCHES A −−−− −−−− 0.210 A1 0.015 −−−− −−−− b 0.014 0.018 0.022 C 0.008 0.010 0.014 D 0.355 0.365 0.400 D1 0.005 −−−− −−−− e 0.100 BSC E 0.300 0.310 0.325 L 0.115 0.130 0.150 −−−− −−−− 5.33 0.38 −−−− −−−− 0.35 0.46 0.56 0.20 0.25 0.36 9.02 9.27 10.02 0.13 −−−− −−−− 2.54 BSC 7.62 7.87 8.26 2.92 3.30 3.81 MIN NOM MAX MILLIMETERS NOTES: 1. DIMENSIONING AND TOLERANCING PER ASME Y14.5M, 1994. 2. CONTROLLING DIMENSION: INCHES. 3. DIMENSION E IS MEASURED WITH THE LEADS RE- STRAINED PARALLEL AT WIDTH E2. 4. DIMENSION E1 DOES NOT INCLUDE MOLD FLASH. 5. ROUNDED CORNERS OPTIONAL. E1 0.240 0.250 0.280 6.10 6.35 7.11 E2 E3 −−−− −−−− 0.430 −−−− −−−− 10.92 0.300 BSC 7.62 BSC E1 D1 M 8X e/2 E2 c |