Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BLUENRG-M2SA Fiches technique(PDF) 18 Page - STMicroelectronics

No de pièce BLUENRG-M2SA
Description  Very low power application processor module for Bluetooth® low energy v5.0
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BLUENRG-M2SA Fiches technique(HTML) 18 Page - STMicroelectronics

Back Button BLUENRG-M2SA Datasheet HTML 14Page - STMicroelectronics BLUENRG-M2SA Datasheet HTML 15Page - STMicroelectronics BLUENRG-M2SA Datasheet HTML 16Page - STMicroelectronics BLUENRG-M2SA Datasheet HTML 17Page - STMicroelectronics BLUENRG-M2SA Datasheet HTML 18Page - STMicroelectronics BLUENRG-M2SA Datasheet HTML 19Page - STMicroelectronics BLUENRG-M2SA Datasheet HTML 20Page - STMicroelectronics BLUENRG-M2SA Datasheet HTML 21Page - STMicroelectronics BLUENRG-M2SA Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 30 page
background image
8
Package information
In order to meet environmental requirements, ST offers these devices in different grades of ECOPACK packages,
depending on their level of environmental compliance. ECOPACK specifications, grade definitions and product
status are available at: www.st.com. ECOPACK is an ST trademark.
8.1
BLUENRG-M2SA package information
Figure 8. BLUENRG-M2SA package outline
BlueNRG-M2
Package information
DS13053 - Rev 2
page 18/30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30