| Moteur de recherche de fiches techniques de composants électroniques |
|
BLUENRG-M2SA Fiches technique(PDF) 6 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
BLUENRG-M2SA Fiches technique(HTML) 6 Page - STMicroelectronics |
|
6 / 30 page ![]() Figure 2. BlueNRG-M2 - BLE application processor 1. Hosted mode (network processor): the module is configured as network module controlled by an external host connected via SPI or UART. A project named DTM is available in the development kit that configures the BlueNRG-M2 module as a network module. Figure 3. BlueNRG-M2 as BLE network processor BlueNRG-M2 Software structure DS13053 - Rev 2 page 6/30 |